Electronic Components Datasheet Search
  English  ▼

X  

TVP3025 Datasheet(PDF) 49 Page - Texas Instruments

Part # TVP3025
Description  Video Interface Palette
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP3025 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TVP3025 Datasheet HTML 45Page - Texas Instruments TVP3025 Datasheet HTML 46Page - Texas Instruments TVP3025 Datasheet HTML 47Page - Texas Instruments TVP3025 Datasheet HTML 48Page - Texas Instruments TVP3025 Datasheet HTML 49Page - Texas Instruments TVP3025 Datasheet HTML 50Page - Texas Instruments TVP3025 Datasheet HTML 51Page - Texas Instruments TVP3025 Datasheet HTML 52Page - Texas Instruments TVP3025 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 99 page
background image
2–35
In this way, the video timing relationship is maintained since the same method and pipeline delay are applied
to the SYSBL and VGABL signals.
Figure 2–14 demonstrates the use of OVS to produce a custom overscan screen border.
OVS
Blank
Overscan Border
Display Area
Figure 2–14. Overscan
2.3.12
Horizontal Zooming
The TVP3025 supports a user-programmable horizontal zooming function of 2, 4, 8, 16, or 32x. Zooming
can be controlled through the auxiliary control register on the indirect register map as shown by the following
table. The RCLK divide ratio also has to be modified in the output-clock-selection register.
ACR7
ACR6
ACR5
HORIZONTAL ZOOM
0
0
0
1x (default)
0
0
1
2x
0
1
0
4x
0
1
1
8x
1
0
0
16x
1
0
1
32x
When one of the horizontal zooms (besides 1x) is chosen, the internal pixel multiplexer is configured such
that it replicates the pixel data on successive dot clocks by the number of times specified by ACR(5 –7). Also
the RCLK divide ratio must be modified in the output-clock-selection register to facilitate the pixel replication.
The new RCLK divide ratio should be chosen as the old RCLK divide ratio multiplied by the zoom factor.
It is recommended that the zoom only be changed during vertical retrace.
The horizontal zoom function applies only to the pixel port (P0 – 63) data. VGA data is not zoomed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com