Electronic Components Datasheet Search
  English  ▼

X  

TVP3025 Datasheet(PDF) 11 Page - Texas Instruments

Part # TVP3025
Description  Video Interface Palette
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP3025 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TVP3025 Datasheet HTML 7Page - Texas Instruments TVP3025 Datasheet HTML 8Page - Texas Instruments TVP3025 Datasheet HTML 9Page - Texas Instruments TVP3025 Datasheet HTML 10Page - Texas Instruments TVP3025 Datasheet HTML 11Page - Texas Instruments TVP3025 Datasheet HTML 12Page - Texas Instruments TVP3025 Datasheet HTML 13Page - Texas Instruments TVP3025 Datasheet HTML 14Page - Texas Instruments TVP3025 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 99 page
background image
1–5
1.4
Ordering Information
TVP3025
– XXX
XXX
Pixel Clock Frequency Indicator
MUST CONTAIN THREE CHARACTERS:
– 135: 135-MHz pixel clock
– 175: 175-MHz pixel clock
– 220: 220-MHz pixel clock
Package
MUST CONTAIN THREE LETTERS:
MDN: Metal, Quad Flat Pack
PCE:
Plastic, Quad Flat Pack (mechanical data unavailable at time of print)
1.5
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AVDD
84, 86
Analog power. All AVDD terminals must be connected.
CLK0
106
I
(TTL
compatible)
Dot clock 0 input. CLK0 can be selected to drive the dot clock at
frequencies up to 140 MHz. When VGA mode is active, the selected
clock source is CLK0. The maximum frequency in VGA mode is 85 MHz.
The maximum frequency for direct color/VGA switching in self-clocked
mode is 50MHz. This clock source is also selected at reset.
CLK1
107
I
(TTL
compatible)
Dot clock 1 input. CLK1 can be selected to drive the dot clock at
frequencies up to 140 MHz.
CLK2,
CLK2
108, 109
I
(TTL/ECL
compatible)
Dual-mode dot clock input. These inputs are essentially ECL-
compatible inputs, but two TTL clocks may be used on CLK2 and CLK2
if so selected in the input-clock-selection register. These inputs may be
selected as the dot clock up to the device limit while in the ECL mode
or up to 140 MHz in the TTL mode.
COMP1,
COMP2
77, 79
Compensation. COMP1 and COMP2 provide compensation for the
internal reference amplifier. A 0.1-
µF ceramic capacitor is required
between COMP1 and COMP2. This capacitor must be as close to the
device as possible for proper decoupling and to avoid noise pick up.
DCLK
122
O
Dot clock. Divided memory clock output. A frequency divided version of
the MCLK output.
DVDD
18, 45, 65,
117, 137, 143,
148
Digital power. All DVDD terminals must be connected.
D0 – D7
47 – 54
I/O
(TTL
compatible)
MPU interface data bus. These terminals are used to transfer data in and
out of the register map and palette/overlay RAM.
FS ADJUST
76
I
Full-scale adjustment. A resistor connected between this terminal and
ground controls the full-scale range of the DACs.
GND
17, 46, 66, 69,
71, 73, 75, 83,
85, 118, 136,
142, 147
Ground. All GND terminals must be connected. The GNDs are
connected internally.
NOTE: All unused inputs should be tied to a logic level and not be allowed to float.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com