Electronic Components Datasheet Search
  English  ▼

X  

TVP3025 Datasheet(PDF) 21 Page - Texas Instruments

Part # TVP3025
Description  Video Interface Palette
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP3025 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TVP3025 Datasheet HTML 17Page - Texas Instruments TVP3025 Datasheet HTML 18Page - Texas Instruments TVP3025 Datasheet HTML 19Page - Texas Instruments TVP3025 Datasheet HTML 20Page - Texas Instruments TVP3025 Datasheet HTML 21Page - Texas Instruments TVP3025 Datasheet HTML 22Page - Texas Instruments TVP3025 Datasheet HTML 23Page - Texas Instruments TVP3025 Datasheet HTML 24Page - Texas Instruments TVP3025 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 99 page
background image
2–7
2.3
Circuit Description Using TVP3025 Register Map
In general, the TVP3025 is a superset of the TVP3020, with several advanced features. These features and
other differences are discussed in the appropriate description sections and highlighted in Section 2.3.17.
2.3.1
MPU Interface-8/6 Operation
The 8/6 terminal is used to select between an 8- or 6-bit wide data path to the color palette RAM and is
provided in order to maintain compatibility with the IMSG176. If miscellaneous-control register bit 2 is set
to logic 1, then the 8/6 terminal is disabled and 8/6 operation is specified by bit 3 of the miscellaneous-control
register. The TVP3020 mode reset default is for the 8/6 terminal to be enabled (miscellaneous-control
register bit 2 = logic 0).
2.3.2
Color Palette – Palette-Page Register
The TVP3020 mode of the device defines a palette-page register as an 8-bit register on the indexed register
map. When using 1, 2, or 4 bit planes in the pseudo color modes, the additional planes are provided from
the page register before the data addresses the color palette. This is illustrated in Table 2–4.
NOTE:
The additional bits from the page register are inserted after the read mask.
The palette-page register specifies the additional bit planes for the overlay field in
direct-color modes with less than 8 bits per pixel overlay.
This register should be set to 00 (hex) before reentering the BT485 mode if it has
been modified.
Table 2–4. Allocation of Palette-Page Register Bits
NUMBER OF BIT PLANES
MSB
PALETTE ADDRESS BITS
LSB
8
M
M
M
M
M
M
M
M
4
P7
P6
P5
P4
M
M
M
M
2
P7
P6
P5
P4
P3
P2
M
M
1
P7
P6
P5
P4
P3
P2
P1
M
Pn = n bit from page register
M = bit from pixel port
2.3.3
Input Clock Selection
The TVP3025 VIP provides a maximum of four clock inputs. Two are dedicated as TTL inputs; the other two
can be selected as either one differential ECL input or two extra TTL inputs. The TTL inputs can be used
for video rates up to 140 MHz. The dual-mode clock input (ECL / TTL) is primarily an ECL input but can be
used as TTL-compatible inputs if the input-clock-selection register is so programmed. The clock source
used at power up is CLK0; an alternative source can be selected by software during normal operation. This
chosen clock input can be used unmodified as the dot clock (representing pixel rate to the monitor).
Alternatively, if the input-clock-selection register is programmed to use the internal frequency doubler, the
chosen clock source is used as a reference for multiplication.
The input-clock-selection register is used to select the desired input clock source. Table 2–5 details how to
program the various options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com