Electronic Components Datasheet Search
  English  ▼

X  

TVP3025 Datasheet(PDF) 17 Page - Texas Instruments

Part # TVP3025
Description  Video Interface Palette
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP3025 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TVP3025 Datasheet HTML 13Page - Texas Instruments TVP3025 Datasheet HTML 14Page - Texas Instruments TVP3025 Datasheet HTML 15Page - Texas Instruments TVP3025 Datasheet HTML 16Page - Texas Instruments TVP3025 Datasheet HTML 17Page - Texas Instruments TVP3025 Datasheet HTML 18Page - Texas Instruments TVP3025 Datasheet HTML 19Page - Texas Instruments TVP3025 Datasheet HTML 20Page - Texas Instruments TVP3025 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 99 page
background image
2–3
2.1.2
TVP3025/BT485 Register Initialization
The MODE1 input determines how the TVP3025 initializes at reset (using the RESET terminal). Upon device
reset, if MODE1 is logic 1, the TVP3025 initializes using the BT485 emulation register map (see Table 2–2)
and assumes BT485 compatible functionality. All internal BT485 type command registers and data registers
are reset to 00 (hex). On the rising edge of the RESET signal, the BT485 emulator translates all of the BT485
internal registers into the TVP3025 indirect registers. It also causes the internal emulator state machine to
begin monitoring BT485 register accesses and the cursor RAM interface is set to the planar access mode
(TVP3025 cursor control register bit 7 = 1). The translated TVP3025 indirect register map reset defaults for
the BT485 mode are shown in Table 2–3.
Additionally, the MCLK and pixel clock PLLs are enabled and set to approximately 45 MHz and 25 MHz,
respectively (with an external 14.318 MHz crystal). Also, all command registers are reset to zeroes and
blank/sync are configured to be latched on the rising edge of LCLK.
If MODE1 is logic 0 when the TVP3025 is reset, the device initializes the TVP3025 register maps as specified
in Table 2–1 and Table 2–3 and translation of the BT485 emulation registers does not take place. Also, the
cursor RAM interface is set to the nonplanar access mode (TVP3025 cursor control register bit 7 = 0) with
the same operation as the TVP3020. The internal BT485 registers can subsequently be programmed via
the RS4 or the MODE2 terminals.
The MODE2 terminal optionally inverts the RS4 register select signal internal to the device. This allows the
TVP3025 to be used with graphics controllers that support either four or five register selects. For designs
using only four register selects (RS0–RS3), RS4 should be connected to DVDD or GND and the MODE2
terminal can be used to select between the TVP3025 register map and the BT485 emulation register map
(see Tables 2–1 and 2–2). When the MODE2 input terminal is logic 0, the RS4 signal is internally inverted.
If MODE2 is logic 1, no inversion takes place. MODE2 is internally pulled up so that no inversion occurs if
the terminal is not connected. For designs using all five register selects (RS0 – RS4), both of the register
maps are available with RS4 performing the switching.
Note that general I/O terminal I/O4 is provided through the BT485 command register 4 and can be used to
externally connect to RS4.
Table 2–3. TVP3025 Indirect Register Map (Extended Registers)
INDEX REGISTER
(HEX)
R/W
DEFAULT
TVP3025
DEFAULT
BT485
REGISTER ADDRESSED
BY INDEX REGISTER
0000
R/W
00
00
Cursor-Position X LSB
0001
R/W
00
00
Cursor-Position X MSB
0002
R/W
00
00
Cursor-Position Y LSB
0003
R/W
00
00
Cursor-Position Y MSB
0004
R/W
1F
3F
Sprite-Origin X
0005
R/W
1F
3F
Sprite-Origin Y
0006
R/W
00
80
Cursor-Control
0007
Reserved
0008
W
XX
XX
Cursor-RAM Address LSB
0009
W
XX
XX
Cursor-RAM Address MSB
000A
R/W
XX
XX
Cursor-RAM Data
000B
Reserved
000C – 000D
Reserved-Undefined
NOTE: Reserved registers should be avoided; otherwise, circuit behavior could deviate from
that specified. Reserved-undefined registers are nonexistent locations on the register
map.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com