Electronic Components Datasheet Search
  English  ▼

X  

TVP3025 Datasheet(PDF) 24 Page - Texas Instruments

Part # TVP3025
Description  Video Interface Palette
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP3025 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TVP3025 Datasheet HTML 20Page - Texas Instruments TVP3025 Datasheet HTML 21Page - Texas Instruments TVP3025 Datasheet HTML 22Page - Texas Instruments TVP3025 Datasheet HTML 23Page - Texas Instruments TVP3025 Datasheet HTML 24Page - Texas Instruments TVP3025 Datasheet HTML 25Page - Texas Instruments TVP3025 Datasheet HTML 26Page - Texas Instruments TVP3025 Datasheet HTML 27Page - Texas Instruments TVP3025 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 99 page
background image
2–10
Table 2–6. MCLK/DCLK Control Register (Index 0039 hex)
BIT NAME
VALUES
DESCRIPTION
MDCR7
0: Disable (default)
1: Enable
DCLK output enable bit.
MDCR6,
MDCR5, MDCR4
000: Divide by 2 (default)
001: Divide by 4
010: Divide by 6
011: Divide by 8
100: Divide by 10
101: Divide by 12
110: Divide by 14
111: Divide by 16
DCLK divide ratio. These bits specify the factor by which the MCLK
PLL is divided by before being output on the DCLK output terminal.
MDCR3
0: Disable
1: Enable (default)
MCLK output enable bit.
MDCR2,
MDCR1, MDCR0
000: Divide by 2 (default)
001: Divide by 4
010: Divide by 6
011: Divide by 8
100: Divide by 10
101: Divide by 12
110: Divide by 14
111: Divide by 16
MCLK divide ratio. These bits specify the factor by which the MCLK
PLL is divided by before being output on the MCLK output terminal.
Divide ratios are identical to those specified by bits MDCR6 – MDCR4
for the DCLK divider.
If P value register bit 7 is set to logic 0, then the PLL is disabled upon writing to the corresponding N value
register, and the PLL is enabled upon writing to the corresponding P value register. If the P value register
bit 7 is set to logic 1, then the PLL is always enabled. If the pixel clock PLL is to be used for pixel clock
generation after it has been programmed, the input clock selection register must be set to 05 (hex).
At device reset, the loop clock PLL is disabled and reset, while the MCLK PLL and pixel clock PLL are
programmed to give approximately 45 MHz and 25 MHz outputs, respectively with a standard 14.318 MHz
crystal reference. For MCLK M = 9, N = 5, P = 1, MCLK/DCLK control = 08 (hex). For pixel clock M = 5,
N = 6, P=2.
All PLLs should be programmed such that FREF/(N + 2) u1 MHz and 110 MHz v(FVCO)v220 MHz for
proper operation. Also, N and M should be minimized, but
w1.
For pixel clock PLL output on the PCLKOUT terminal, the pixel clock P value register bit 3 must be set to
logic 1.
For the pixel clock PLL to be used as the pixel clock source, it must be selected in the input clock selection
register (see Section 2.3.3).
If the MCLK PLL is used to clock the graphics controller, in general, the P value register bit 7 should be set
to logic 1 the first time the PLL is written so that the PLL always remains enabled. Otherwise, system lock-up
could occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com