Electronic Components Datasheet Search
  English  ▼

X  

TVP3025 Datasheet(PDF) 72 Page - Texas Instruments

Part # TVP3025
Description  Video Interface Palette
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP3025 Datasheet(HTML) 72 Page - Texas Instruments

Back Button TVP3025 Datasheet HTML 68Page - Texas Instruments TVP3025 Datasheet HTML 69Page - Texas Instruments TVP3025 Datasheet HTML 70Page - Texas Instruments TVP3025 Datasheet HTML 71Page - Texas Instruments TVP3025 Datasheet HTML 72Page - Texas Instruments TVP3025 Datasheet HTML 73Page - Texas Instruments TVP3025 Datasheet HTML 74Page - Texas Instruments TVP3025 Datasheet HTML 75Page - Texas Instruments TVP3025 Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 99 page
background image
2–58
2.4.15.3 Command Register 2 (RS value = 11001)
Writing to command register 2 sets input-clock-selection register (see Table 2–5) bits 1 and 2 to logic 0. Also,
cursor-control register (see Section 2.3.18.3) bits 2 and 5 are set to logic 0.
Table 2–25. Command Register 2 (RS value = 11001)
BIT
NAME
VALUES
DESCRIPTION
CR27
0:
SCLK disable Not supported in the BT485 mode of the TVP3025
CR27
1:
SCLK disable. Not supported in the BT485 mode of the TVP3025.
CR26
Reserved (logic 0)
CR26
Reserved (logic 0)
CR25
0: VGA mode (default)
VGA mode select. Unlike the BT485, this bit solely controls the switching
CR25
1: NonVGA mode
,y
g
between modes. PSEL is disregarded.
CR24
0: CLK0 selected (default)
Pixel clock input select
CR24
1: CLK1 selected
Pixel clock input select
CR23
0:
Noninterlaced / interlaced display selection. Interlaced mode is not supported
CR23
1:
y
on the TVP3025. This bit is don’t care.
CR22
0:
Sparse and contiguous indexing select for 16 bpp mode. Not supported on the
CR22
1:
gg
TVP3025. This bit is don’t care.
CR21
0: Cursor disable (default)
64 x 64 x 2 cursor enable. A three color cursor is not supported on the
CR21
1: Cursor enable (high)
TVP3025.
CR20
0: XGA cursor (default)
Cursor mode select
CR20
1: X-windows cursor (high)
Cursor mode select.
NOTE: The following command register 2 bits are written into the following TVP3025 indirect register bits: CR20 into
cursor-control register bit 4, CR21 into cursor-control register bit 6, CR24 into input-clock-selection register
bit 0, CR25 into multiplexer-control register 2 bit 7, CR25 into miscellaneous-control register bit 4, and CR26 into
input-clock-selection register bit 3.
2.4.15.4 Command Register 3 (RS value = 11010, when CR07 = logic 1)
Table 2–26. Command Register 3 (RS value = 11010)
BIT
NAME
VALUES
DESCRIPTION
CR37
Reserved (logic 0)
CR37
Reserved (logic 0)
CR36
Reserved (logic 0)
CR36
Reserved (logic 0)
CR35
Reserved (logic 0)
CR35
Reserved (logic 0)
CR34
Reserved (logic 0)
CR34
Reserved (logic 0)
CR33
0: Clock doubler disable
(default)
This bit enables or disables the internal 2x clock doubler circuit.
1: Clock doubler enable
CR32
0:
Cursor select. Not supported by the TVP3025, since only 64 x 64 cursor is
CR32
1:
y,
y
allowed.
CR31,
CR31 = A9
MSBs for 10-bit address counter for cursor RAM addressing. See Section
,
30
CR30 = A8
g
2.4.3.
NOTE: CR33 is written into input-clock-selection register bit 4 in the BT485 mode of operation.
These registers are not initialized at power up. All command registers are set to a logic 0 when a low signal is
asserted at the RESET terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com