Electronic Components Datasheet Search
  English  ▼

X  

TVP3025 Datasheet(PDF) 30 Page - Texas Instruments

Part # TVP3025
Description  Video Interface Palette
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP3025 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TVP3025 Datasheet HTML 26Page - Texas Instruments TVP3025 Datasheet HTML 27Page - Texas Instruments TVP3025 Datasheet HTML 28Page - Texas Instruments TVP3025 Datasheet HTML 29Page - Texas Instruments TVP3025 Datasheet HTML 30Page - Texas Instruments TVP3025 Datasheet HTML 31Page - Texas Instruments TVP3025 Datasheet HTML 32Page - Texas Instruments TVP3025 Datasheet HTML 33Page - Texas Instruments TVP3025 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 99 page
background image
2–16
2nd
Group
3rd
Group
4th
Group
Last Group of Pixel Data
RCLK
at Output Terminal
SYSBL
at Input Terminal
BLNK
(internal signal
before DOTCLK
pipeline delay)
PIXEL DATA
at Input Terminal
Latch Last Group of Pixel Data
and SYSBL
Latch First Group of Pixel Data
and SYSBL
LCLK
at Input Terminal
1st
Group
Figure 2–6. Frame Buffer Timing Without Using SCLK
2.3.7.4
Using the Loop Clock PLL to Generate RCLK
Many of the current high performance graphics accelerators with built in VGA support prefer to generate
their own VRAM shift clock and pixel data latching clock (LCLK) as discussed in Section 2.3.7.3. As stated
before, the TVP3025 provides an RCLK timing reference output to be used by the graphics controller to
generate these signals. A common industry problem exists, however in that the delay through the loop (i.e.,
from RCLK through the controller to produce LCLK and pixel data) may be greater than the RCLK cycle time
minus setup time. It then becomes very difficult to resynchronize the rising edges of the LCLK signal to the
reference clock (RCLK) within the specified timing requirements. The TVP3025 has incorporated a unique
loop clock PLL circuit to maintain a valid LCLK/RCLK phase relationship and ensure that proper LCLK and
pixel data setup timing is met, regardless of the amount of system loop delay.
Figure 2–7 illustrates the pixel data latching structure and the operation of the loop clock PLL. RCLK is the
internal reference clock signal which is programmed through the output-clock-selection register to be a
division of the dot clock. RCLK is very close in phase with the dot clock so that data latched on LCLK can
be synchronized to the dot clock within the device. By using the loop clock PLL to phase lock the inverted
LCLK input with the TVP3025 generated RCLK signal, an RCLK reference signal is produced that accounts
for any delay in the system.
To use the loop clock PLL to generate the RCLK signal, the RCLK divide ratio should first be programmed
in the output-clock-selection register to the appropriate divide ratio needed for the pixel data multiplexing
mode selected (see Table 2–8). Note that the divide ratio is automatically selected when the multiplex mode
is chosen in the BT485 mode of operation. Then the loop clock PLL should be programmed following the
procedure in Section 2.3.4. In general, the M and N values should be set to 1. The P value should then be
chosen such that, for the expected RCLK frequency, 110 MHz
v FVCOv 220 MHz. Finally the loop clock
PLL should be enabled for output on RCLK by setting miscellaneous-control register bit 7 to a logic 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com