Electronic Components Datasheet Search
  English  ▼

X  

TVP3025 Datasheet(PDF) 95 Page - Texas Instruments

Part # TVP3025
Description  Video Interface Palette
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP3025 Datasheet(HTML) 95 Page - Texas Instruments

Back Button TVP3025 Datasheet HTML 91Page - Texas Instruments TVP3025 Datasheet HTML 92Page - Texas Instruments TVP3025 Datasheet HTML 93Page - Texas Instruments TVP3025 Datasheet HTML 94Page - Texas Instruments TVP3025 Datasheet HTML 95Page - Texas Instruments TVP3025 Datasheet HTML 96Page - Texas Instruments TVP3025 Datasheet HTML 97Page - Texas Instruments TVP3025 Datasheet HTML 98Page - Texas Instruments TVP3025 Datasheet HTML 99Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 95 / 99 page
background image
D–1
Appendix D
Mechanical Data
0
°–7°
4040010/A–10/93
144-PIN SHOWN
0,15 TYP
160
25,35 TYP
22,75 TYP
144
A
NO. OF PINS***
SQ
37
72
A
36
1
144
109
73
108
31,45
30,95
0,65
0,95
27,54
27,74
SQ
MDN/S-MQFP-G***
0,30 TYP
0,65 TYP
4,07 MAX
3,30 TYP
0,25 MIN
METAL QUAD (MQUAD® ) CAVITY-UP FLAT PACKAGE
Seating Plane
0,10
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. MQUAD is a registered trademark of Olin Corporation.
D. This quad flat package consists of a circuit mounted on a lead frame and encased within an anodized
aluminum shell. The package is intended for parts requiring either a lower stress environment or higher
thermal dissipation capabilities than can be supplied by plastic. Ultrasonic cleaning of this package or boards
with this package is not permissible.
E. The 144 MDN is identical to 160 MDN except 4 leads per corner are removed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com