Electronic Components Datasheet Search
  English  ▼

X  

TVP3025 Datasheet(PDF) 13 Page - Texas Instruments

Part # TVP3025
Description  Video Interface Palette
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP3025 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TVP3025 Datasheet HTML 9Page - Texas Instruments TVP3025 Datasheet HTML 10Page - Texas Instruments TVP3025 Datasheet HTML 11Page - Texas Instruments TVP3025 Datasheet HTML 12Page - Texas Instruments TVP3025 Datasheet HTML 13Page - Texas Instruments TVP3025 Datasheet HTML 14Page - Texas Instruments TVP3025 Datasheet HTML 15Page - Texas Instruments TVP3025 Datasheet HTML 16Page - Texas Instruments TVP3025 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 99 page
background image
1–7
1.5
Terminal Functions (Continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
P0 – P63
3 – 16, 19 – 38,
110 – 116,
127 – 135,
138 – 141,
149 – 158
I
(TTL
compatible)
Pixel input port. The port can be used in various modes as shown in
Table 2–8 (TVP3020 mode) or Table 2–15 (BT485 mode). All the
unused terminals need to be tied to GND.
RCLK
124
O
(TTL
compatible)
Reference clock output. RCLK is essentially the same as the SCLK
output but not gated off during blank. It can be used for pixel-port timing
reference or other system synchronization and is programmed through
the output-clock-selection register in TVP3020 mode. In BT485 mode
RCLK is similar to the BT485 SCLK, with the divide ratio (and hence the
multiplex ratio) being automatically set when command register 1 is
programmed for the desired operating mode.
REF
78
Voltage reference for DACs. An internal voltage reference of nominally
1.235 V is provided, which requires an external 0.1-
µF ceramic
capacitor between REF and analog GND. However, the internal
reference voltage can be overdriven by an externally supplied
reference voltage. Typical connection is shown in Appendix A.
RESET
63
I
Chip reset. All the registers default to the VGA mode after reset.
RD
44
I
(TTL
compatible)
Read strobe input. A logic 0 on this terminal initiates a read from the
register map. Reads are performed asynchronously and are initiated on
the low-going edge of RD (see Figure 3–1).
RS0 – RS4
41, 42, 55 – 57
I
(TTL
compatible)
Register select inputs. These terminals specify the location in the
register map that is to be accessed (see Table 2–1 and 2–2). RS4 may
be inverted internally using the MODE2 input. RS3 has an internal pull
down resistor so these terminals may be left unconnected if only RS0 –2
are used for the TVP3020-only operation.
SCLK
126
O
(TTL
compatible)
Shift clock output. SCLK is selected as a division of the dot clock input.
The output signals are gated off during blank, although SCLK is still
used internally to synchronize with the activation of BLANK.
SENSE
64
O
(TTL
compatible)
Test mode DAC comparator output signal. This terminal is low if one or
more of the DAC output analog levels is above the internal comparator
reference of 350 mV
±50 mV.
SFLAG
105
I
(TTL
compatible)
Split shift register transfer flag. The TVP3025 detects a low-to-high
transition on this terminal during a blank sequence and immediately
generates an SCLK pulse. This early SCLK pulse replaces the first
SCLK pulse in the normal sequence.
SYSBL
101
I
(TTL
compatible)
System blank input. SYSBL is active (low).
SYSHS,
SYSVS
99, 100
I
(TTL
compatible)
System horizontal and vertical sync inputs. These signals are used to
generate the sync level on the green current output. They are active
(low) inputs, but the HSYNCOUT and VSYNCOUT output polarities can
be programmed through the general-control register.
VCLK
125
O
(TTL
compatible)
Video clock output. VCLK is the user-programmable output for
synchronization to a graphics processor. It can be used to latch SYSBL,
SYSHS, SYSVS inputs (depending on miscellaneous-control register
bit 6).
NOTE: All unused inputs should be tied to a logic level and not be allowed to float.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com