Electronic Components Datasheet Search
  English  ▼

X  

TVP3025 Datasheet(PDF) 23 Page - Texas Instruments

Part # TVP3025
Description  Video Interface Palette
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP3025 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TVP3025 Datasheet HTML 19Page - Texas Instruments TVP3025 Datasheet HTML 20Page - Texas Instruments TVP3025 Datasheet HTML 21Page - Texas Instruments TVP3025 Datasheet HTML 22Page - Texas Instruments TVP3025 Datasheet HTML 23Page - Texas Instruments TVP3025 Datasheet HTML 24Page - Texas Instruments TVP3025 Datasheet HTML 25Page - Texas Instruments TVP3025 Datasheet HTML 26Page - Texas Instruments TVP3025 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 99 page
background image
2–9
The PLLs are programmed through a group of four registers on the TVP3025 indirect register map. The
registers are listed in the following table.
INDEX
REGISTER
002C
PLL control register
002D
Pixel clock PLL data register
002E
MCLK PLL data register
002F
Loop clock PLL data register
Programming of the M, N, and P value registers is accomplished by writing the appropriate values to bits
0 and 1 of the PLL control register (002C) according to the following table.
BIT 1
BIT 0
REGISTER
0
0
N value register (7-bit)
0
1
M value register(7-bit)
1
0
P value register(post scalar, 2-bit)
1
1
Status register(read-only)
The PLL control register pointer bits above (one set for each PLL data register) are independently
auto-incremented following a write cycle to the corresponding PLL data register. Whenever bits 1 and 0 are
both written with zeros, all three sets of pointer bits are reset to zero. The current status of each pointer can
be identified by reading the PLL control register (002C) according to the following table.
PLL CONTROL
REGISTER BITS
POINTER
1:0
Pixel clock PLL data register pointer
3:2
MCLK PLL data register pointer
5:4
Loop clock PLL data register pointer
Since the pointers are auto-incremented, the most efficient way to program the pixel clock PLL is to first write
zeros to bits 1 and 0 of the PLL control register, followed by three consecutive writes to the pixel clock PLL
data register to program the N, M, and P values. Following the third write, the pixel clock PLL pointer points
to the read-only status register, while the MCLK and loop clock PLL pointers point to the corresponding 7-bit
N value registers. Two more sets of three consecutive writes to the MCLK and loop clock PLL data registers
can be performed, or writes to the PLL registers can be discontinued. Note that these operations do not have
to start with the pixel clock PLL data register. The pixel clock PLL can be output on the PCLKOUT terminal
by programming the pixel clock PLL P value register bit 3 to a logic 1.
The frequency of the voltage controlled oscillator (VCO) is given by:
FVCO = FREF x ((M + 2) × 8) / (N + 2)
Provided:
FREF / (N + 2) u 0.5 MHz and
110 MHz
v (FVCO) v 220 MHz and
N, M
w 1
Then the PLL output frequency is :
FPLL = FVCO / 2P
The MCLK and DCLK outputs are further divided and controlled by the MCLK/DCLK control register as
detailed in Table 2–6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com