Electronic Components Datasheet Search
  English  ▼

X  

LPC47M192 Datasheet(PDF) 136 Page - SMSC Corporation

Part # LPC47M192
Description  LPC SUPER I/O WITH HARDWARE MONITORING BLOCK
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M192 Datasheet(HTML) 136 Page - SMSC Corporation

Back Button LPC47M192 Datasheet HTML 132Page - SMSC Corporation LPC47M192 Datasheet HTML 133Page - SMSC Corporation LPC47M192 Datasheet HTML 134Page - SMSC Corporation LPC47M192 Datasheet HTML 135Page - SMSC Corporation LPC47M192 Datasheet HTML 136Page - SMSC Corporation LPC47M192 Datasheet HTML 137Page - SMSC Corporation LPC47M192 Datasheet HTML 138Page - SMSC Corporation LPC47M192 Datasheet HTML 139Page - SMSC Corporation LPC47M192 Datasheet HTML 140Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 228 page
background image
SMSC DS – LPC47M192
Page 136
Rev. 03/30/05
DATASHEET
Temperature High Limit 1 or 2 register and Remote Temperature Low Limit 1 or 2 register, then the Remote Temp
Error 1 or 2 status bit is set in the Interrupt Status Register 1.
There are Remote Diode Fault status 1 and 2 bits in the Status Register 2 (0x42). The LPC47M192 automatically
sets the associated diode fault bit to 1 when there is an open circuit fault on the Remote x+ or Remote x- thermal
diode input pins. The occurrence of either a short (D+ and D- shorted together) or open circuit fault will cause 80h to
be loaded into the associated reading register, which will cause the corresponding remote temp error bit to be set.
This will cause the THERM# pin to become active if enabled. This same operation applies (including the diode
fault bit getting set) for the following board design error conditions: D+ shorted to VCC, D- shorted to VCC,
D+ shorted to ground. The diode fault bit will also be set if D- is shorted to ground, however, the part will
give a valid temperature reading (with some error), so the out of limit bit will not be set and therefore the
THERM# pin will not go active for this condition.
. Before a remote diode conversion is updated, the status of the
remote diode is checked.
The temperature change is computed by measuring the change in Vbe at two different operating points of the diode
to which the Dx+ and Dx- pins are connected. But accuracy of the measurement also depends on non-ideality factor
of the process the diode is manufactured on. See “Appendix A – Thermal Diode Parameters” for relationship
between the non-ideality factor and the change in Vbe.
Note
: Since digital boards can be electrically noisy environments that may interfere when measuring very small
voltages from a remote diode sensor, special layout considerations should be made. See “Layout Considerations”
below.
7.18.3.9.3
Temperature Data Format
Temperature data can be read from the three temperature registers. One is the Ambient Temperature Reading
register (0x27), the second is the Remote Diode Temperature Reading 1 register (0x26), and the third is the Remote
Diode Temperature Reading 2 register (0x52).
The following table shows the corresponding format of the temperature digital data, represented by an 8-bit, two’s
complement word with an LSB equal to 1.0
0C.
Temperature
Digital Output
+125
0C
0111 1101
+25
0C
0001 1001
+1.0
0C
0000 0001
0
0C
0000 0000
-1.0
0C
1111 1111
-25
0C
1110 0111
-40
0C
1101 1000
7.18.3.9.4
Offset Register
Offset Register 1 is used for internal or remote temperature 1 reading.
The Offset Register 1 (1Fh) contain a 2's
complement value which is added (or subtracted if the number is negative) to the temperature reading. The default
value in the offset register is zero, so initially zero is always added to the temperature reading. This offset register is
configured for the external temperature channel by default. It may be switched to the internal channel by setting bit 4
of the Special Function Register to 1.
7.18.3.9.5
Second Offset Register
The Offset Register 2 at 1Eh is for second remote diode temperature reading.
This register contains a 2's
complement value which is added (or subtracted if the number is negative) to the second external temperature
reading. Note that the default value in the offset register is zero, so initially zero is always added to the second
temperature reading. This offset register only applies to remote diode temperature reading 2. No configuration bit is
required.
7.18.3.10 Thermal / Voltage Interrupt Pin
The THERM# function is multiplexed on A0/RESET#/THERM#/XNOR_OUT pin. This function is used as an interrupt
output for out-of-limit temperature events. It can also be enabled for out-of-limit voltage events.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com