Electronic Components Datasheet Search
  English  ▼

X  

LPC47M192 Datasheet(PDF) 135 Page - SMSC Corporation

Part # LPC47M192
Description  LPC SUPER I/O WITH HARDWARE MONITORING BLOCK
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M192 Datasheet(HTML) 135 Page - SMSC Corporation

Back Button LPC47M192 Datasheet HTML 131Page - SMSC Corporation LPC47M192 Datasheet HTML 132Page - SMSC Corporation LPC47M192 Datasheet HTML 133Page - SMSC Corporation LPC47M192 Datasheet HTML 134Page - SMSC Corporation LPC47M192 Datasheet HTML 135Page - SMSC Corporation LPC47M192 Datasheet HTML 136Page - SMSC Corporation LPC47M192 Datasheet HTML 137Page - SMSC Corporation LPC47M192 Datasheet HTML 138Page - SMSC Corporation LPC47M192 Datasheet HTML 139Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 228 page
background image
SMSC DS – LPC47M192
Page 135
Rev. 03/30/05
DATASHEET
7.18.3.6.1
Sleep Mode
This is a low power mode in which bias currents are ‘on’ but the Hardware Monitor Block is not operating. In this
mode, the A/D converter and monitoring cycle will be turned off. Serial bus communication is still possible with any
register in the Hardware Monitor Block while in this low-power mode.
7.18.3.6.2
Shutdown Mode
This is a low power mode in which bias currents are ‘off’ and the Hardware Monitor Block is not operating. In this
mode, the A/D converter and monitoring cycle will be turned off. Serial bus communication is still possible with any
register in the Hardware Monitor Block while in this low-power mode.
7.18.3.7
Analog Voltage Measurement
The Hardware Monitor Block contains inputs for directly monitoring the power supplies (+12 V, +5 V, +3.3V, +2.5V,
+1.8V, +1.5V, +Vccp and HVCC or HVSB). These inputs are scaled internally to a internal reference source,
converted via a 8 bit successive approximation register ADC or a Delta-Sigma ADC (Analog-to-Digital Converter),
and scaled such that the correct value refers to 3/4 scale or 192 decimal (except the Vccp input). This removes the
need for external resistor dividers and allows for a more accurate means of measurement since the voltages are
referenced to a known value. The 1.5V input does not have an internal resistor divider. Since these inputs are above
Vcc and below Ground, they are not diode protected to the power rails. The measured values are stored in the
Reading registers and compared with the Limit registers. The status bits in the Interrupt Status Register 1 and the
Interrupt Status Register 2 are set if the measured values are outside (or equal to) the programmed limits.
The Vccp voltage input measures the processor voltage, which will lie in the range of 0V to 3.0V.
The following table shows the values of the analog inputs that correspond to the min and max output codes of the
A/D converter. For a complete list of the ADC conversions see Table 78 in Appendix B.
Input Voltage
+12VIN
+5VIN
VCC/3.3VIN
+2.5VIN
+1.8VIN
+1.5VIN
+VCCP
Min Value (Corresponds
to A/D output 00000000)
<0.062
<0.026
<0.017
<0.013
<0.009
<0.008
<0.012
Max Value (Corresponds
to A/D output 11111111)
>15.938
>6.640
>4.383
>3.320
>2.391
>1.992
>2.988
7.18.3.8
Voltage ID
VID0-VID4 digital inputs are used to store processor Voltage ID codes (for processor operating voltage) in the VID
and VID4 registers (0x47 and 0x49). These VIDs can be read out by the management system using the SMBus
interface. Bits[3:0] in VID register is used for VID3 to VID0 inputs and Bit[0] of VID4 register is used for VID4 input.
VID4 input is multiplexed with +12V_IN analog input. This pin defaults to the +12V_IN analog input at power up and
bit 0 in VID4 register defaults to 0. This pin can be selected for VID4 by setting bit 5 in the Configuration Register
(0x40).
7.18.3.9
Temperature Measurement
Temperatures are measured internally by bandgap temperature sensor and externally using two sets of diode sensor
pins (for measuring two external temperatures). See subsections below.
7.18.3.9.1
Internal Temperature Measurement
Internal temperature can be measured by bandgap temperature sensor. The measurement is converted into digital
format by internal ADC. This data is converted in two’s complement format since both negative and positive
temperature can be measured. This value is stored in Ambient Temperature Reading register (0x27). If this value
out-of-limit (or equal to) the programmed limits in Ambient Temperature High Limit register (0x39) and Ambient
Temperature Low Limit register (0x3A), then the corresponding status bits in the Interrupt Status Registers are set.
7.18.3.9.2
External Temperature Measurement
The Hardware Monitor Block also provides a way to measure two external temperatures using diode sensor pins
(Dx+ and Dx-). The value is stored in the Remote Diode Temperature Reading 1 register (0x26) for D0+ and D0-
pins. The value is stored in the Remote Diode Temperature Reading 2 register (0x52) for D1+ and D1- pins. If this
value is out-of-limit (or equal to) the programmed limits (for D0+ and D0- pins, or D1+ and D1- pins) in Remote



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com