Electronic Components Datasheet Search
  English  ▼

X  

LPC47M192 Datasheet(PDF) 132 Page - SMSC Corporation

Part # LPC47M192
Description  LPC SUPER I/O WITH HARDWARE MONITORING BLOCK
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M192 Datasheet(HTML) 132 Page - SMSC Corporation

Back Button LPC47M192 Datasheet HTML 128Page - SMSC Corporation LPC47M192 Datasheet HTML 129Page - SMSC Corporation LPC47M192 Datasheet HTML 130Page - SMSC Corporation LPC47M192 Datasheet HTML 131Page - SMSC Corporation LPC47M192 Datasheet HTML 132Page - SMSC Corporation LPC47M192 Datasheet HTML 133Page - SMSC Corporation LPC47M192 Datasheet HTML 134Page - SMSC Corporation LPC47M192 Datasheet HTML 135Page - SMSC Corporation LPC47M192 Datasheet HTML 136Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 228 page
background image
SMSC DS – LPC47M192
Page 132
Rev. 03/30/05
DATASHEET
7.18.2.1.5
Slave Device Time-Out
The device will not time-out when SCLK is held low longer than TTIME-OUT Min = 25ms.
7.18.2.1.6
Stretching the SCLK Signal
The Hardware Monitor Block supports stretching of the SCLK by other devices on the SMBus. The Hardware Monitor
Block does not stretch the SCLK.
7.18.2.1.7
SMBus Timing
The SMBus Slave Interface complies with the SMBus AC Timing Specification. See the SMBus timing in the “Timing
Diagram” section.
7.18.2.1.8
Bus Reset Sequence
The SMBus Slave Interface will reset and return to the idle state upon a START field followed immediately by a STOP
field.
7.18.2.1.9
SMBus Alert Response Address
The Hardware Monitor Block implements the SMBALERT# signal. The THERM# interrupt pin can be used as the
SMBALERT#. SMBALERT# is used in conjunction with the SMBus General Call Address, 0001 100.
The Hardware Monitor Block device can signal the host that it wants to talk by pulling the SMBALERT# low. The host
processes the interrupt and simultaneously accesses all SMBALERT# devices through a modified Receive Byte
operation with the Alert Response Address (ARA). The Hardware Monitor Block, which pulled SMBALERT# low, will
acknowledge the Alert Response Address and respond with its device address.
The host performs a modified Receive Byte operation with the alert response address. The 7-bit device address
provided by the Hardware Monitor Block device is placed in the 7 most significant bits of the byte. The eighth bit can
be a zero or one.
Table 61 - Modified SMBus Receive Byte Protocol Response to ARA
FIELD:
START
ALERT
RESPONSE
ADDRESS
RD
ACK
HW MONITOR
BLOCK SLAVE
ADDRESS
NACK
STOP
Bits:
1
7
1
1
8
1
1
After acknowledging the slave address, the Hardware Monitor Block must disengage its SMBALERT# pulldown. If the
condition that caused the interrupt remains, the Hardware Monitor Block will reassert the SMBALERT# on the next
monitoring cycle.
7.18.3 HARDWARE MONITORING BLOCK
The following sub-sections describe the Hardware Monitoring Block.
7.18.3.1
Input Monitoring
The Hardware Monitor Block’s monitoring function is started by writing a ‘1’ to the START bit in the Configuration
Register (0x40). Measured values from the analog inputs and temperature sensors are stored in the Value Registers.
These values can be compared to the programmed limits in the Limit Register via SMBus interface. The out-of-limit
and diode fault conditions are stored in the Interrupt Status Registers.
7.18.3.2
Resetting the Hardware Monitoring Block
7.18.3.2.1
Power On Reset
All the registers in the Hardware Monitor Block reset to a default value when power is applied to the block. The
default state of the register is shown in the table in the Register Summary subsection. The default state of Value or
Limit Registers are not shown because these registers have indeterminate power on values. Usually the first action
after power up is to write limits into the Limit Registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com