Electronic Components Datasheet Search
  English  ▼

X  

LPC47M192 Datasheet(PDF) 129 Page - SMSC Corporation

Part # LPC47M192
Description  LPC SUPER I/O WITH HARDWARE MONITORING BLOCK
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M192 Datasheet(HTML) 129 Page - SMSC Corporation

Back Button LPC47M192 Datasheet HTML 125Page - SMSC Corporation LPC47M192 Datasheet HTML 126Page - SMSC Corporation LPC47M192 Datasheet HTML 127Page - SMSC Corporation LPC47M192 Datasheet HTML 128Page - SMSC Corporation LPC47M192 Datasheet HTML 129Page - SMSC Corporation LPC47M192 Datasheet HTML 130Page - SMSC Corporation LPC47M192 Datasheet HTML 131Page - SMSC Corporation LPC47M192 Datasheet HTML 132Page - SMSC Corporation LPC47M192 Datasheet HTML 133Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 228 page
background image
SMSC DS – LPC47M192
Page 129
Rev. 03/30/05
DATASHEET
7.18 Hardware Monitoring Interface
The Hardware Monitoring Block is a standalone block in the 2. It can be accessed using SMBus interface. This block
is used to monitor +1.5, +1.8, +2.5V, +3.3V, +5V, +12V and Vccp (core processor) voltages. It can also monitor its
own internal HVCC or HVSB. The block can be used to measure internal temperature and two external temperatures
and diode faults. It can indicate out-of-limit temperature and voltage conditions. The block has an ability to output
20ms low pulse.
7.18.1 HARDWARE MONITORING INTERFACE SIGNAL DEFINITION
The following table shows the pins required for the Hardware Monitoring Block.
PIN NAME
TYPE
DESCRIPTION
SDA
Digital I/O
(Open Drain)
System Management Bus bi-directional Data.
Open Drain
output.
SCLK
Digital Input
System Management Bus Clock.
HVSS
Analog Ground
Internally connected to all of the Hardware Monitoring Block
circuitry.
HVCC
Power
+3.3V VCC pin dedicated to the Hardware Monitoring block.
Can be powered by +3.3V Standby power if monitoring in low
power states is required.
VID0
Digital Input
Voltage supply readout from the processor. This value is read
in the VID Register.
VID1
Digital Input
Voltage supply readout from the processor. This value is read
in the VID Register.
VID2
Digital Input
Voltage supply readout from the processor. This value is read
in the VID Register.
VID3
Digital Input
Voltage supply readout from the processor. This value is read
in the VID Register.
D0-/XNOR_IN
Analog Input/
Digital Input
This is the negative input (current sink) from the remote
thermal diode. This serves as the negative input into the A/D.
If held high at power-up, initiates XNOR chain test mode.
D0+
Analog Input
This is the positive input (current source) from the remote
thermal diode. This serves as the positive input into the A/D.
D1-
Analog Input
See D0- pin description.
D1+
Analog Input
See D0+ description.
12V_IN/VID4
Analog
Input/
Digital Input
Defaults to Analog Input for +12V. Optionally, can be
configured to read the VID4 pin, a voltage supply readout from
the processor. This value is read in the VID4 Register.
+5V_IN
Analog Input
Analog input for +5V
+3.3V_IN
Analog Input
Analog input for +3.3V
+2.5V_IN
Analog Input
Analog input for +2.5V
+1.8V_IN
Analog Input
Analog input for +1.8V
+1.5V_IN
Analog Input
Analog input for +1.5V
+Vccp_IN
Analog Input
Analog input for +Vccp (processor voltage: 0 to 3.0V).
A0/RESET#/
THERM#/XNOR_OUT
Digital I/O
(Open Drain)
The lowest order programmable bit of the SMBus Address.
Can also be configured to be a minimum 20msec low Reset
output pulse, or as an interrupt output for temperature and
voltage interrupts. This pin functions as an output when the
Hardware Monitor Block is in XNOR-Chain test mode.
7.18.2 SMBUS INTERFACE
The host processor communicates with the Hardware Monitor Block through a series of read/write registers via the
SMBus interface. SMBus is a serial communication protocol between a computer host and its peripheral devices.
The SMBus protocol includes a physical layer based on the I
2CTM serial bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com