Electronic Components Datasheet Search
  English  ▼

X  

LPC47M192 Datasheet(PDF) 126 Page - SMSC Corporation

Part # LPC47M192
Description  LPC SUPER I/O WITH HARDWARE MONITORING BLOCK
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M192 Datasheet(HTML) 126 Page - SMSC Corporation

Back Button LPC47M192 Datasheet HTML 122Page - SMSC Corporation LPC47M192 Datasheet HTML 123Page - SMSC Corporation LPC47M192 Datasheet HTML 124Page - SMSC Corporation LPC47M192 Datasheet HTML 125Page - SMSC Corporation LPC47M192 Datasheet HTML 126Page - SMSC Corporation LPC47M192 Datasheet HTML 127Page - SMSC Corporation LPC47M192 Datasheet HTML 128Page - SMSC Corporation LPC47M192 Datasheet HTML 129Page - SMSC Corporation LPC47M192 Datasheet HTML 130Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 228 page
background image
SMSC DS – LPC47M192
Page 126
Rev. 03/30/05
DATASHEET
The figure below illustrates the implementation of the game port logic in the LPC47M192.
Game software will write a byte to the game port to reset it, and then poll (read) the port until the x and y-axis RC time
constant pins (TIMA,B) time out (return to zero). The elapsed time indicates the resistance value of the potentiometer
and in turn, the position of the joystick.
The figure below illustrates the timing of the game port signals. The 556 timers will reset the outputs (OUTA,B) to
zero and the RC constant (TIMA,B) pins to zero when the RC constant (TIMA,B) inputs reach 2/3 of VREF as shown.
VREF is the voltage on pin 44, which is either 5V or 3.3V. See the “VREF Pin “ section.
JOYR
Joystick 1 Button 1
Joystick 1 Button 2
556
OUT1A
OUT1B
TRIG1A
TRIG1B
X-Axis
Y-Axis
TIM1A
TIM1B
JOYW
Vcc = 5V
Internal To LPC47M192
Joystick 1
D0
D1
D2
D3
D4
D5
D6
D7
556
OUT2A
OUT2B
TRIG2A
TRIG2B
X-Axis
Y-Axis
TIM2A
TIM2B
Vcc = 5V
Joystick 2
Joystick 2 Button 1
Joystick 2 Button 2
J1B1
J1B2
J2B1
J2B2
J1X
J1Y
J2X
J2Y
Game Port
Register
Vcc = 5V
Vcc = 5V
Vcc = 5V
Internal To Joysticks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com