Electronic Components Datasheet Search
  English  ▼

X  

LPC47M192 Datasheet(PDF) 125 Page - SMSC Corporation

Part # LPC47M192
Description  LPC SUPER I/O WITH HARDWARE MONITORING BLOCK
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M192 Datasheet(HTML) 125 Page - SMSC Corporation

Back Button LPC47M192 Datasheet HTML 121Page - SMSC Corporation LPC47M192 Datasheet HTML 122Page - SMSC Corporation LPC47M192 Datasheet HTML 123Page - SMSC Corporation LPC47M192 Datasheet HTML 124Page - SMSC Corporation LPC47M192 Datasheet HTML 125Page - SMSC Corporation LPC47M192 Datasheet HTML 126Page - SMSC Corporation LPC47M192 Datasheet HTML 127Page - SMSC Corporation LPC47M192 Datasheet HTML 128Page - SMSC Corporation LPC47M192 Datasheet HTML 129Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 228 page
background image
SMSC DS – LPC47M192
Page 125
Rev. 03/30/05
DATASHEET
in a value for Term 1 in Equation 1 of 111.70 (~112) for a 4400 RPM. The following tables show examples of the
desired functionality.
Note:
All calculations of Count were based on tachometer inputs with two pulses per revolution and on the clock
source input divided down by two (default settings).
RPM
Time per
Revolution
Term 1 for “Divide by 2”
(Default) in Decimal
Preload
Count =
(Term 1) + Preload
Comments
4400
13.64 ms
112 counts
32
144
Typical RPM
3080
19.48 ms
160 counts
32
192
70% RPM
2640
22.73 ms
186 counts
32
218
60% RPM
2204
27.22 ms
223 counts
32
255
(maximum count)
50% RPM
The divisor for each fan is programmable via the Fan Control Register, Logical Device A, runtime register 0x58. The
choices for the divisor are 1, 2, 4 and 8. The default value is 2.
Mode Select
Nominal
RPM
Time per
Revolution
Preload
Counts for the
Given Speed in
Decimal
70% RPM
Time per
Revolution for
70% RPM
Divide by 1
8800
6.82 ms
32
144
6160
9.74 ms
Divide by 2
4400
13.64 ms
32
144
3080
19.48 ms
Divide by 4
2200
27.27 ms
32
144
1540
38.96 ms
Divide by 8
1100
54.54 ms
32
144
770
77.92 ms
7.16 SECURITY FEATURE
The following register describes the functionality to support security in the LPC47M192.
7.16.1 GPIO DEVICE DISABLE REGISTER CONTROL
The GPIO pin GP43 is used for the Device Disable Register Control (DDRC) function. Setting bits[3:2] of the GP43
configuration register to ‘01’, selects the DDRC function for the GP43 pin. When bits[3:2]=01 the GP43 pin is an
input, with non-inverted polarity. Bits[3:2] cannot be cleared by writing to these bits; they are cleared by VTR POR,
VCC POR and PCI Reset. That is, when the DDRC function is selected for this pin, it cannot be changed, except by a
VCC POR, PCI reset or VTR POR.
When the DDRC function is selected for GP43, the Device Disable register is controlled by the value of the GP43 pin
as follows:
If the GP43 pin is high, the Device Disable Register is Read-Only.
If the GP43 pin is low, the Device Disable Register is Read/Write.
7.16.2 DEVICE DISABLE REGISTER
The Device Disable Register is located in the PME register block at offset 0x22 from the PME_BLK base I/O address
in logical device A. Writes to this register are blocked when the GP43 pin is configured for the Device Disable
Register Control function (GP43 configuration register bit 2 =1) and the GP43 pin is high.
The configuration register for the device disable register is defined in the “Runtime Registers” section.
7.17 GAME PORT LOGIC
The LPC47M192 implements logic to support a dual game port. This logic includes the following for each game port:
two 555 timers, two game port RC constant inputs (x-axis and y-axis), two game port button inputs and game port
interface logic. The implementation of the Game Port uses a simple A/D converter constructed from a 555 timer to
digitize the analog value of a potentiometer for the x-axis and y-axis of the joystick.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com