Electronic Components Datasheet Search
  English  ▼

X  

LPC47M192 Datasheet(PDF) 128 Page - SMSC Corporation

Part # LPC47M192
Description  LPC SUPER I/O WITH HARDWARE MONITORING BLOCK
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M192 Datasheet(HTML) 128 Page - SMSC Corporation

Back Button LPC47M192 Datasheet HTML 124Page - SMSC Corporation LPC47M192 Datasheet HTML 125Page - SMSC Corporation LPC47M192 Datasheet HTML 126Page - SMSC Corporation LPC47M192 Datasheet HTML 127Page - SMSC Corporation LPC47M192 Datasheet HTML 128Page - SMSC Corporation LPC47M192 Datasheet HTML 129Page - SMSC Corporation LPC47M192 Datasheet HTML 130Page - SMSC Corporation LPC47M192 Datasheet HTML 131Page - SMSC Corporation LPC47M192 Datasheet HTML 132Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 228 page
background image
SMSC DS – LPC47M192
Page 128
Rev. 03/30/05
DATASHEET
Game Port Register
Register Location:
<GAME_PORT>+0h
System
I/O Space
Default Value:
00h
on
VTR POR
Attribute:
Read-Only
Size:
8-bits
D7
D6
D5
D4
D3
D2
D1
D0
Button #2
Joystick 2
(J2B2)
Button #1
Joystick 2
(J2B1)
Button #2
Joystick 1
(J1B2)
Button #1
Joystick 1
(J1B1)
Y-Axis
Joystick 2
(OUT2B)
X-Axis
Joystick 2
(OUT2A)
Y-Axis
Joystick 1
(OUT1B)
X-Axis
Joystick 1
(OUT1A)
The game port register is a read-only register. However, writing to the game port resets the RC time constant pins
(TIMA,B) to zero. The reset of the time constant pins occur on the “back” edge of the write signal (when the write
signal goes from its active state to its inactive state).
The game port read (JOYR) will be an IO read to the address programmed into the base IO address in Logical
Device 9.
The game port write (JOYW) will be an IO write to the address programmed into the base IO address in Logical
Device 9.
Minimum Rise Time
The fastest rise time on the RC constant pins (minimum RC time constant) for the game port is 20usec.
7.17.1 POWER CONTROL REGISTER
Bit 2 in the Power Control Register (CR22) is the power control bit for the game port. This bit has the same function
as the activate bit for logical device 9 and shadows the activate bit. The activate bit also shadows the power control
bit 2.
7.17.2 VREF PIN
The LPC47M192 has a reference voltage pin input on pin 44 of the part. This reference voltage can be connected to
either a 5V supply or a 3.3V supply. It is used for the game port.
The reference voltage is used in the game port logic so that the joystick trigger voltage is 2/3 VREF where VREF is
either 5V or 3.3V. This is to preserve joystick compatibility by maintaining the RC time constant reset trigger voltage
of 3.3V (nominal) with VREF=5V (nominal), if required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com