Electronic Components Datasheet Search
  English  ▼

X  

LPC47M192 Datasheet(PDF) 127 Page - SMSC Corporation

Part # LPC47M192
Description  LPC SUPER I/O WITH HARDWARE MONITORING BLOCK
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M192 Datasheet(HTML) 127 Page - SMSC Corporation

Back Button LPC47M192 Datasheet HTML 123Page - SMSC Corporation LPC47M192 Datasheet HTML 124Page - SMSC Corporation LPC47M192 Datasheet HTML 125Page - SMSC Corporation LPC47M192 Datasheet HTML 126Page - SMSC Corporation LPC47M192 Datasheet HTML 127Page - SMSC Corporation LPC47M192 Datasheet HTML 128Page - SMSC Corporation LPC47M192 Datasheet HTML 129Page - SMSC Corporation LPC47M192 Datasheet HTML 130Page - SMSC Corporation LPC47M192 Datasheet HTML 131Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 228 page
background image
SMSC DS – LPC47M192
Page 127
Rev. 03/30/05
DATASHEET
JOYW
OUTA,B
JOYR
VREF
TIMA,B
2
3
VREF
t1
The game port register is defined below. It is a runtime register located at the address programmed into the base I/O
address (GAME_PORT) in Logical Device 9.
Note:
Register 0x60 is the high byte; 0x61 is the low byte. For example, to set the primary base address to 1234h,
write 12h into 0x60, and 34h into 0x61.
When the activate bit in Logical Device 9 is cleared, it prevents the base I/O address for the game port from being
decoded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com