Electronic Components Datasheet Search
  English  ▼

X  

LPC47M192 Datasheet(PDF) 131 Page - SMSC Corporation

Part # LPC47M192
Description  LPC SUPER I/O WITH HARDWARE MONITORING BLOCK
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M192 Datasheet(HTML) 131 Page - SMSC Corporation

Back Button LPC47M192 Datasheet HTML 127Page - SMSC Corporation LPC47M192 Datasheet HTML 128Page - SMSC Corporation LPC47M192 Datasheet HTML 129Page - SMSC Corporation LPC47M192 Datasheet HTML 130Page - SMSC Corporation LPC47M192 Datasheet HTML 131Page - SMSC Corporation LPC47M192 Datasheet HTML 132Page - SMSC Corporation LPC47M192 Datasheet HTML 133Page - SMSC Corporation LPC47M192 Datasheet HTML 134Page - SMSC Corporation LPC47M192 Datasheet HTML 135Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 228 page
background image
SMSC DS – LPC47M192
Page 131
Rev. 03/30/05
DATASHEET
Table 58 - SMBus Read Byte Protocol
FIELD:
START
SLAVE
ADDR
WR
ACK
REG.
ADDR
ACK START
SLAVE
ADDR
RD ACK
REG.
DATA
NACK
STOP
Bits:
1
7
1
1
8
1
1
7
1
1
8
1
1
Send Byte
The Send Byte protocol is used to set the Internal Address Register to the correct register in the Hardware Monitor
Block. No data is transferred for a Send Byte protocol. The Send Byte can be followed by the Receive Byte protocol
described below in order to read data from the register. The send byte protocol cannot be used to write data - if data
is to be written to a register then the write byte protocol must be used as described in subsection above. The send
byte protocol is shown in the table below.
Table 59 - SMBus Send Byte Protocol
FIELD:
START
SLAVE
ADDR
WR
ACK
REG.
ADDR
ACK
STOP
Bits:
1
7
1
1
8
1
1
Receive Byte
The Receive Byte protocol is used to read data from the registers when the register address is known to be at the
desired address (using the Internal Address Register). This is used when the register address has been written to
the desired address using the Send Byte protocol. This can be used for successive reads of the same register. The
data will only be read if the protocol shown in Table 4 is performed correctly. Only one byte is transferred at time for
a Receive Byte protocol.
Table 60 - SMBus Receive Byte Protocol
FIELD: START
SLAVE
ADDR
RD
ACK
REG.
DATA
NACK
STOP
Bits:
1
7
1
1
8
1
1
7.18.2.1.2
Slave Address
The slave address is the unique address for the Hardware Monitor Block that identifies the device on SMBus.
The Hardware Monitor Block’s slave address is determined by the level on the A0 pin. The level on this pin forms the
LSB of the 7-bit address 0101_10x. This pin may be used to support up to 2 Hardware Monitor Blocks in a given
system.
The upper 6 bits of the Hardware Monitor Block’s slave address are hardwired in the Hardware Monitor Block.
7.18.2.1.3
Invalid Protocol Response Behavior
Registers that are accessed with an invalid protocol will not be updated. A register will only be updated following a
valid protocol. The only valid protocols are the read byte, receive byte and write byte protocols described above.
The only valid slave address is determined by the level on the A0 pin as the LSB of the address 0101_10x.
The only valid registers for a read or write protocol are the registers shown in the Registers Section. Reserved
registers are not considered valid registers.
Attempting to communicate with the Hardware Monitor Block over SMBus with an invalid slave address, invalid
register address or invalid protocol will result in no response, and the SMBus Slave Interface will return to the idle
state.
7.18.2.1.4
General Call Address Response
The Hardware Monitor Block will not respond to a general call address of 0000_000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com