Electronic Components Datasheet Search
  English  ▼

X  

LPC47M192 Datasheet(PDF) 138 Page - SMSC Corporation

Part # LPC47M192
Description  LPC SUPER I/O WITH HARDWARE MONITORING BLOCK
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M192 Datasheet(HTML) 138 Page - SMSC Corporation

Back Button LPC47M192 Datasheet HTML 134Page - SMSC Corporation LPC47M192 Datasheet HTML 135Page - SMSC Corporation LPC47M192 Datasheet HTML 136Page - SMSC Corporation LPC47M192 Datasheet HTML 137Page - SMSC Corporation LPC47M192 Datasheet HTML 138Page - SMSC Corporation LPC47M192 Datasheet HTML 139Page - SMSC Corporation LPC47M192 Datasheet HTML 140Page - SMSC Corporation LPC47M192 Datasheet HTML 141Page - SMSC Corporation LPC47M192 Datasheet HTML 142Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 228 page
background image
SMSC DS – LPC47M192
Page 138
Rev. 03/30/05
DATASHEET
FIGURE 10
− SUGGESTED MINIMUM TRACK WIDTH AND SPACING
3.
To reduce the effects of noise on the Dx+ and Dx- signals, a 2.2nF capacitor may be place between these
two leads.
Dx+
Dx-
2.2nF
External
Temperature
Sensing
Diode
FIGURE 11
− USING A DIODE AS A REMOTE TEMPERATURE SENSING ELEMENT
4.
Place 0.1uF (ceramic) bypass and 20uF (electrolytic or tantalum) capacitors in parallel between the power
supply (HVCC) and ground. They should be kept as close to the hardware monitoring block as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com