Electronic Components Datasheet Search
  English  ▼

X  

LPC47M192 Datasheet(PDF) 141 Page - SMSC Corporation

Part # LPC47M192
Description  LPC SUPER I/O WITH HARDWARE MONITORING BLOCK
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M192 Datasheet(HTML) 141 Page - SMSC Corporation

Back Button LPC47M192 Datasheet HTML 137Page - SMSC Corporation LPC47M192 Datasheet HTML 138Page - SMSC Corporation LPC47M192 Datasheet HTML 139Page - SMSC Corporation LPC47M192 Datasheet HTML 140Page - SMSC Corporation LPC47M192 Datasheet HTML 141Page - SMSC Corporation LPC47M192 Datasheet HTML 142Page - SMSC Corporation LPC47M192 Datasheet HTML 143Page - SMSC Corporation LPC47M192 Datasheet HTML 144Page - SMSC Corporation LPC47M192 Datasheet HTML 145Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 228 page
background image
SMSC DS – LPC47M192
Page 141
Rev. 03/30/05
DATASHEET
REGISTER
OFFSET
(hex)
TYPE
PCI RESET
VCC POR
VTR POR
SOFT
RESET
REGISTER
56
R/W
-
-
0x00
-
FAN1
57
R/W
-
-
0x00
-
FAN2
58
R/W
-
-
0x50
-
Fan Control
59
R
-
-
0x00
-
Fan1 Tachometer Register
5A
R
-
-
0x00
-
Fan2 Tachometer Register
5B
R/W
-
-
0x00
-
Fan1 Preload Register
5C
R/W
-
-
0x00
-
Fan2 Preload Register
5D
R/W
-
-
0x00
-
LED1
5E
R/W
-
-
0x00
-
LED2
5F
R/W
-
-
0x00
-
Keyboard Scan Code
60-7F
R
-
-
-
-
Reserved – reads return 0
Note 1
: This register is read-only when GP43 register bit [3:2] = 01 and the GP43 pin is high.
Note 2
: Bits [3:2] of this register are reset (cleared) on VCC POR and PCI Reset (and VTR POR).
Note 3
: Bit 3 of this register is reset (cleared) on VCC POR and PCI Reset (and VTR POR).
Note 4
: The parallel port interrupt defaults to 1 when the parallel port activate bit is cleared.
Note 5
: Bits 2 and 3 of the PME_STS4 and SMI_STS4 registers, and bit 3 of the PME_STS5 register may
be
set
on a VCC POR. If GP32, GP33 and GP53 are configured as input, then their corresponding PME and SMI status bits
will be set on a VCC POR. These GPIOs cannot be used for PME wakeup when the part is under VTR power
(VCC=0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com