Electronic Components Datasheet Search
  English  ▼

X  

LPC47M192 Datasheet(PDF) 137 Page - SMSC Corporation

Part # LPC47M192
Description  LPC SUPER I/O WITH HARDWARE MONITORING BLOCK
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M192 Datasheet(HTML) 137 Page - SMSC Corporation

Back Button LPC47M192 Datasheet HTML 133Page - SMSC Corporation LPC47M192 Datasheet HTML 134Page - SMSC Corporation LPC47M192 Datasheet HTML 135Page - SMSC Corporation LPC47M192 Datasheet HTML 136Page - SMSC Corporation LPC47M192 Datasheet HTML 137Page - SMSC Corporation LPC47M192 Datasheet HTML 138Page - SMSC Corporation LPC47M192 Datasheet HTML 139Page - SMSC Corporation LPC47M192 Datasheet HTML 140Page - SMSC Corporation LPC47M192 Datasheet HTML 141Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 228 page
background image
SMSC DS – LPC47M192
Page 137
Rev. 03/30/05
DATASHEET
If the internal or remote temperature reading is not within the low or high temperature limits, THERM# will be active
low. It will also be low for the diode pin conditions mentioned in the “External Temperature Measurement” section.
The THERM# pin will remain low while any of the Ambient Temp Error bit or the Remote Temp Error bit in Interrupt
Status 1 Register is set. The THERM# function can be selected by writing a ‘1’ to bit 2 of the Special Function
Register (0x4F). This pin is open-drain and requires an external pullup resistor. If more than one Hardware Monitor
Block is used on a system, only one can have this function enabled at one time since this will limit the SMBus
address to 0101101, unless external circuitry is provided.
The THERM# pin can be enabled to indicate out-of-limit/equal-limit voltages. Bit 3 of the Special Function register
(4Fh) is used to enable this option. When this bit is set, if one or more of the voltage readings is not within the low or
high limits, THERM# will be active low. This pin will remain low while the associated voltage error bit (+2.5v_Error,
Vccp_Error, +3.3v_Error, +5v_Error, +12v_Error, HVCC_Error, +1.5v_Error or +1.8v_Error) in the Interrupt Status
Register 1 and Interrupt Status Register 2 is set. The THERM# pin defaults to supporting out-of-limit/equal-limit
temperature events only.
The THERM# pin will remain low until Interrupt Status Register 1 and 2 are read. If the temperature or voltage
remains out of limit or equal to the limit, the THERM# will be re-asserted on the next monitoring cycle. THERM# can
also be cleared by issuing an Alert Response Address Call.
The THERM# pin may only become active while the monitor block is operational.
Implementation Note:
In designs using the Hardware Monitor Block of the LPC47M192, all the remote thermal diode inputs must be
properly terminated, even if one or both of the remote temperature sensor channels will not be used to actively
monitor temperatures. These inputs should be terminated with a thermal diode, a transistor or a resistor. If the
channel will never be used to monitor temperature, a resistor can used to allow for proper functioning of the nTHERM
pin. See application note “Using the Hardware Monitor Feature in SMSC Super I/O Devices” for more information.
Unused Analog Voltage Channel inputs should not be left unconnected. This is good design practice, and it will
guarantee proper functioning of the nTHERM pin, if the nTHERM pin is enabled to indicate voltage events. Any
Analog Voltage Measurement Channel that will not be used to actively monitor a power supply must be pulled up to
some nominal voltage. If the nTHERM pin is not enabled to indicate voltage events, unused Analog Voltage Channels
may be grounded.
7.18.3.11 Input Safety
Since the power supply voltages will appear directly at the pins (1.5V – 12V), small external series resistors such as
470 ohm to 1k ohm (see Note) should be put into the lines driving the chip to prevent damaging the traces or power
supplies should an accidental short such as a probe connect two power supplies together. This value should be kept
as small as possible, since raising this resistor will start affecting the accuracy of the internal dividers. These resistors
are recommended, but not necessary.
Note
: The analog input channels on the LPC47M192 are calibrated for 500 ohm resistors. These optional external
resistors should not exceed 1k
Ω.
7.18.3.12 Layout Considerations
To ensure accuracy when measuring analog signals, whether from a voltage divider or remote diode sensor, the
analog components should be located physically as close to the hardware monitoring block as possible. The
following is a list of precautions and suggestions to gain optimal performance from the hardware monitoring block.
1.
Devices that are sources of noise, such as generators, data/address buses and CRTs should be kept as far
away from the hardware monitoring block as possible. (Approximately 4 to 8 inches is adequate).
2.
The Dx+ and Dx- tracks should be kept close together, in parallel with grounded guard tracks on each side.
Using wide tracks will help to minimize inductance and reduce noise pickup. A 10 mil track minimum width
and spacing is recommended. See FIGURE 10.
GND
GND
D+
D-
10 mil.
10 mil.
10 mil.
10 mil.
10 mil.
10 mil.
10 mil.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com