Electronic Components Datasheet Search
  English  ▼

X  

ADF4371 Datasheet(PDF) 34 Page - Analog Devices

Part # ADF4371
Description  Microwave Wideband Synthesizer Integrated VCO
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4371 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADF4371 Datasheet HTML 30Page - Analog Devices ADF4371 Datasheet HTML 31Page - Analog Devices ADF4371 Datasheet HTML 32Page - Analog Devices ADF4371 Datasheet HTML 33Page - Analog Devices ADF4371 Datasheet HTML 34Page - Analog Devices ADF4371 Datasheet HTML 35Page - Analog Devices ADF4371 Datasheet HTML 36Page - Analog Devices ADF4371 Datasheet HTML 37Page - Analog Devices ADF4371 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
ADF4371
Preliminary Technical Data
Rev. PrI | Page 34 of 46
Bits
Bit Name
Description
Reset
Access
[2:0]
ALC_REF_DAC_NOM_VCO3
Select VCO ALC Threshold (CORE B)
0x2
R/W
0: 5V VCO Operation.
1: Reserved.
10: 3.3V VCO Operation.
11: Reserved.
100: Reserved.
101: Reserved.
110: Reserved.
111: Reserved.
Address: 0x2F, Reset: 0x94, Name: REG002F
Table 44. Bit Descriptions for REG002F
Bits
Bit Name
Description
Reset
Access
7
SWITCH_LDO_3P3V_5V
SWITCH LDO OPERATION BETWEEN 3.3V and 5V
0x1
R/W
0: Normal Operation.
1: Powerdown 1H VCO Buffers (2H Path Only)
[6:5]
RESERVED
Reserved.
0x0
R
4
ALC_RECT_SELECT_VCO4
Sets ALC Rectifier DC Bias (CORE_A)
0x1
R/W
0: 3.3V VCO Operation.
1: 5V VCO Operation.
3
ALC_REF_DAC_LO_VCO4
Select ALC LOWER THRESHOLD VOLTAGE RANGE (CORE_A)
0x0
R/W
0: 5V VCO Operation.
1: 3.3V VCO Operation.
[2:0]
ALC_REF_DAC_NOM_VCO4
Select VCO ALC Threshold (CORE_A)
0x4
R/W
0: Reserved.
1: Reserved.
10: 5V VCO Operation.
11: 3.3V VCO Operation.
100: Reserved.
101: Reserved.
110: Reserved.
111: Reserved.
Address: 0x30, Reset: 0x3F, Name: REG0030
Table 45. Bit Descriptions for REG0030
Bits
Bit Name
Description
Reset
Access
[7:0]
VCO_BAND_DIV
This sets the Autocal Time per Stage - rband = PFD/(16*vco_band_div)
0x3F
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com