Electronic Components Datasheet Search
  English  ▼

X  

ADF4371 Datasheet(PDF) 12 Page - Analog Devices

Part # ADF4371
Description  Microwave Wideband Synthesizer Integrated VCO
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4371 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADF4371 Datasheet HTML 8Page - Analog Devices ADF4371 Datasheet HTML 9Page - Analog Devices ADF4371 Datasheet HTML 10Page - Analog Devices ADF4371 Datasheet HTML 11Page - Analog Devices ADF4371 Datasheet HTML 12Page - Analog Devices ADF4371 Datasheet HTML 13Page - Analog Devices ADF4371 Datasheet HTML 14Page - Analog Devices ADF4371 Datasheet HTML 15Page - Analog Devices ADF4371 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
ADF4371
Preliminary Technical Data
Rev. PrI | Page 12 of 46
RF8P/N output power. De-embedded board and cable measurement and combined
using Marki BAL036 balun.
Phase Frequency Detector Spurious Sweep. PFD frequency = 61.44 MHz, Loop filter
bandwidth = 80 kHz.
RF8P/N Output Harmonics, De-embedded board and cable measurement and
combined using Marki BAL036 balun.
Integer Boundary Spurious Sweep. PFD frequency = 61.44 MHz, Loop filter
bandwidth = 80 kHz.
RF16P/N output power. De-embedded board and cable measurement and
combined using Marki BAL036 balun.
RF16P/N VCO feedthrough. De-embedded board and cable measurement and
combined using Marki BAL036 balun.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com