Electronic Components Datasheet Search
  English  ▼

X  

ADF4371 Datasheet(PDF) 28 Page - Analog Devices

Part # ADF4371
Description  Microwave Wideband Synthesizer Integrated VCO
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4371 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADF4371 Datasheet HTML 24Page - Analog Devices ADF4371 Datasheet HTML 25Page - Analog Devices ADF4371 Datasheet HTML 26Page - Analog Devices ADF4371 Datasheet HTML 27Page - Analog Devices ADF4371 Datasheet HTML 28Page - Analog Devices ADF4371 Datasheet HTML 29Page - Analog Devices ADF4371 Datasheet HTML 30Page - Analog Devices ADF4371 Datasheet HTML 31Page - Analog Devices ADF4371 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
ADF4371
Preliminary Technical Data
Rev. PrI | Page 28 of 46
Bits
Bit Name
Description
Reset
Access
3
MUXOUT_EN
Muxout Enable. Set to 0 if using the SDO for register readback
0x0
R/W
0: Data pin used for readback.
1: Muxout pin used for readback.
2
LEV_SEL
Muxout Level Select. Select the voltage level of the logic at the Muxout.
0x1
R/W
0: 1.8V logic.
1: 3.3V logic.
[1:0]
R_WORD[9:8]
10 Bit R-Counter
0x0
R/W
Address: 0x22, Reset: 0x00, Name: REG0022
Table 32. Bit Descriptions for REG0022
Bits
Bit Name
Description
Reset
Access
7
RESERVED
Reserved.
0x0
R
6
REFIN_MODE
Choose Between Single-Ended or Differential Refin
0x0
R/W
0: Single-Ended Refin.
1: Differential Refin.
5
REF_DOUB
Reference Doubler. Controls the reference doubler block.
0x0
R/W
0: Doubler Disabled.
1: Doubler Enabled.
4
RDIV2
RDIV2. Controls the reference divide-by-2 clock. This feature can be used to provide a 50%
duty cycle signal to the PFD
0x0
R/W
0: RDIV2 Disabled.
1: RDIV2 Enabled.
[3:0]
RESERVED
Reserved.
0x0
R
Address: 0x23, Reset: 0x00, Name: REG0023
Table 33. Bit Descriptions for REG0023
Bits
Bit Name
Description
Reset
Access
[7:6]
RESERVED
Reserved.
0x0
R
[5:4]
CLK_DIV_MODE
CLK Div Mode. Set to 0b10 to enable phase resync. When not using phase
resync set to 0b00.
0x0
R/W
0: CLK Div Off.
10: Resync Enabled.
[3:2]
RESERVED
Reserved.
0x0
R
1
TRACKING_FILTER_MUX_SEL
TRACKING_FILTER_MUX_SEL
0x0
R/W
0: Normal: Tracking filter coefficients set automatically.
1: Tracking Filter coefficients set manually from SPI; band_sel_x2,
band_sel_x4.
0
RESERVED
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com