Electronic Components Datasheet Search
  English  ▼

X  

ADF4371 Datasheet(PDF) 22 Page - Analog Devices

Part # ADF4371
Description  Microwave Wideband Synthesizer Integrated VCO
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4371 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADF4371 Datasheet HTML 18Page - Analog Devices ADF4371 Datasheet HTML 19Page - Analog Devices ADF4371 Datasheet HTML 20Page - Analog Devices ADF4371 Datasheet HTML 21Page - Analog Devices ADF4371 Datasheet HTML 22Page - Analog Devices ADF4371 Datasheet HTML 23Page - Analog Devices ADF4371 Datasheet HTML 24Page - Analog Devices ADF4371 Datasheet HTML 25Page - Analog Devices ADF4371 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
ADF4371
Preliminary Technical Data
Rev. PrI | Page 22 of 46
REGISTER DETAILS:
Address: 0x00, Reset: 0x18, Name: REG0000
Table 10. Bit Descriptions for REG0000
Bits
Bit Name
Description
Reset
Access
7
SOFT_RESET_R
COPY
0x0
R/W
6
LSB_FIRST_R
COPY
0x0
R/W
5
ADDRESS_ASCENSION_R
COPY
0x0
R/W
4
SDO_ACTIVE_R
COPY
0x1
R/W
3
SDO_ACTIVE
Choose Between 3 Pin or 4 Pin Operation
0x1
R/W
0: 3 Pin.
1: 4 pin (Enables SDO pin and the SDIO pin becomes an input only)
2
ADDRESS_ASCENSION
SET ADDRESS in ASCENDING ORDER (DEFAULT is DESCENDING)
0x0
R/W
0: Descending.
1: Ascending.
1
LSB_FIRST
Reads LSB First When Active
0x0
R/W
0
SOFT_RESET
0x0
R/W
0: Normal Operation.
1: Soft Reset.
Address: 0x01, Reset: 0x60, Name: REG0001
Table 11. Bit Descriptions for REG0001
Bits
Bit Name
Description
Reset
Access
7
SINGLE_INSTRUCTION
SINGLE_INTRUCTION
0x0
R/W
6
STALLING
STALLING
0x1
R/W
5
MASTER_READBACK_CONTROL
MASTER_READBACK_CONTROL
0x1
R/W
[4:0]
RESERVED
Reserved.
0x0
R
Address: 0x03, Reset: 0x0X, Name: REG0003
Table 12. Bit Descriptions for REG0003
Bits
Bit Name
Description
Reset
Access
[7:4]
RESERVED
Reserved.
0x0
R
[3:0]
CHIP_TYPE
Chip Type
Prog
RP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com