Electronic Components Datasheet Search
  English  ▼

X  

ADF4371 Datasheet(PDF) 17 Page - Analog Devices

Part # ADF4371
Description  Microwave Wideband Synthesizer Integrated VCO
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4371 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADF4371 Datasheet HTML 13Page - Analog Devices ADF4371 Datasheet HTML 14Page - Analog Devices ADF4371 Datasheet HTML 15Page - Analog Devices ADF4371 Datasheet HTML 16Page - Analog Devices ADF4371 Datasheet HTML 17Page - Analog Devices ADF4371 Datasheet HTML 18Page - Analog Devices ADF4371 Datasheet HTML 19Page - Analog Devices ADF4371 Datasheet HTML 20Page - Analog Devices ADF4371 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
Preliminary Technical Data
ADF4371
Rev. PrI | Page 17 of 46
Figure 12. VCO Sensitivity, KV vs. Frequency VCC_VCO = 5 V
Figure 13. VCO Sensitivity, KV vs. Frequency VCC_VCO = 3.3 V
OUTPUT STAGE
The RF8P and RF8N pins of the ADF4371 connect to
the collectors of an NPN differential pair driven by buffered
outputs of the VCO, as shown in Figure 13. In this scheme,
the ADF4371 contains internal 50 Ω resistors connected to
the VCC_X1 pin. To optimize the power dissipation vs. the
output power requirements, the tail current of the differential
pair is programmable using Bits[1:0] in Register 25. Four
current levels can be set. These levels give approximate output
power levels of −4 dBm, −1 dBm, +2 dBm, and +5 dBm,
respectively. Levels of −4 dBm, −1 dBm, +2 dBm can be
achieved by ac coupling into a 50 Ω load. A +5 dBm level
requires an external shunt inductor to VCCX1. Note that an
inductor has a narrower operating frequency than a 50 Ω
resistor. For accurate power levels, refer to the Typical
Performance Characteristics section. Add an external shunt
inductor to provide higher power levels; however, this is less
wideband than the internal bias only. Terminate the unused
complementary output with a circuit similar to the used output.
Figure 13. Output Stage
The doubled VCO output (8 GHz to 16 GHz) is available on the
RF16 pin, which can be directly connected to the next circuit.
The quadrupled output is available on the RF32P/N pins, which
can also be directly connected to the next circuit. RFAUX8P/N
provides the same functionality as the RF8P/N output, but can
also output the divided RF8 frequency or alternatively the VCO
frequency if desired.
DOUBLER
Figure 14. Doubler Output Stage
The VCO frequency multiplied by 2 is available at the RF16P/N
pins. This output can be powered down when not in use, and
the pins RF16P/N can be left open if unused.
There is an automatic tracking filter which suppresses the VCO
and other unwanted frequency products, which ensures the
doubled output is maximized, and VCO and 3 x VCO
frequencies are suppressed regardless of the output frequency.
Suppression of < 50 dB is typical. The optimum values are set
automatically by the auto tracking when it is enabled using Bit-1
in Register 23.
In any case, it is possible to set coefficients manually (for
example when both quadrupler and doubler are enabled
together). The settings for optimum output power, phase noise
and harmonic rejection are given in Table 6.
Table 6: Filter and Bias Setting for Doubled Output
Frequency (GHz)
Filter
Bias
< 8.4
7
3
8.4 - 9.4
6
3
9.4 - 10
5
3
10 - 11.5
4
3
11.5 - 12.2
3
3
12.2 - 13.7
2
3
VCO
RF8P
VCCX1
50Ω
50Ω
BUFFER/
DIVIDE BY
1/2/4/8/
16/32/64
RF8N
VCCX1
×2
RF16P
RF16N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com