Electronic Components Datasheet Search
  English  ▼

X  

ADF4371 Datasheet(PDF) 7 Page - Analog Devices

Part # ADF4371
Description  Microwave Wideband Synthesizer Integrated VCO
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4371 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADF4371 Datasheet HTML 3Page - Analog Devices ADF4371 Datasheet HTML 4Page - Analog Devices ADF4371 Datasheet HTML 5Page - Analog Devices ADF4371 Datasheet HTML 6Page - Analog Devices ADF4371 Datasheet HTML 7Page - Analog Devices ADF4371 Datasheet HTML 8Page - Analog Devices ADF4371 Datasheet HTML 9Page - Analog Devices ADF4371 Datasheet HTML 10Page - Analog Devices ADF4371 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
Preliminary Technical Data
ADF4371
Rev. PrI | Page 7 of 46
DIGITAL LOGIC TIMING
Table 2.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
SPI TIMING
See Figure 2, 3 and 4
SCLK Frequency
fSCLK
50
MHz
SCLK Period
tSCLK
20
ns
SCLK Pulse Width High
tHIGH
10
ns
SCLK Pulse Width Low
tLOW
10
ns
SDIO Setup Time
tDS
2
ns
SDIO Hold Time
tDH
2
ns
SCLK Falling Edge to SDIO Valid
Propagation Delay
tACCESS
10
ns
CSB Rising Edge to SDIO High-Z
tZ
10
ns
CSB Fall to SCLK Rise Setup Time
tS
2
ns
SCLK Fall to CSB Rise Hold Time
tH
2
ns
Timing Diagrams
Figure 2. SPI Timing, MSB First (Upper) and LSB First (Lower)
Figure 3. SPI Write Operation Timing
Figure 4. SPI Read Operation Timing
Figure 5. 3-wire, MSB first, Descending Data, Streaming
SCLK
SDIO
R/W
A1
A0 D7 D61
D1 D0N
DATA TRANSFER CYCLE
INSTRUCTION CYCLE
CSB
A14 A13
SCLK
SDIO
R/W
A1
A0
D7
D61
D1
D0N
DATA TRANSFER CYCLE
INSTRUCTION CYCLE
CSB
A14
A2
D7
D6
A0
D1
A14
tS
SCLK
SDIO
tSCLK
tLOW
tHIGH
tDS
tDH
R/W
D0
tH
CSB
A13
D7
D6
A0
D1
A14
tS
SCLK
SDIO
tSCLK
tLOW
tHIGH
tDS
tDH
R/W
D0
tZ
A2
A1
tACCESS
CSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com