Electronic Components Datasheet Search
  English  ▼

X  

ADF4371 Datasheet(PDF) 20 Page - Analog Devices

Part # ADF4371
Description  Microwave Wideband Synthesizer Integrated VCO
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4371 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADF4371 Datasheet HTML 16Page - Analog Devices ADF4371 Datasheet HTML 17Page - Analog Devices ADF4371 Datasheet HTML 18Page - Analog Devices ADF4371 Datasheet HTML 19Page - Analog Devices ADF4371 Datasheet HTML 20Page - Analog Devices ADF4371 Datasheet HTML 21Page - Analog Devices ADF4371 Datasheet HTML 22Page - Analog Devices ADF4371 Datasheet HTML 23Page - Analog Devices ADF4371 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
ADF4371
Preliminary Technical Data
Rev. PrI | Page 20 of 46
REGISTER SUMMARY:
Table 9. ADF4371_DATASHEET_VERSION Register Summary
Reg
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x00
[7:0]
SOFT_RES
ET_R
LSB_FIRST
_R
ADDRESS
_ASCENSI
ON_R
SDO_ACT
IVE_R
SDO_ACT
IVE
ADDRESS
_ASCENSI
ON
LSB_FIRST
SOFT_RES
ET
0x18
R/W
0x01
[7:0]
SINGLE_I
NSTRUCTI
ON
STALLING
MASTER_
READBAC
K_CONTR
OL
RESERVED
0x60
R/W
0x03
[7:0]
RESERVED
CHIP_TYPE
0x0X
R
0x04
[7:0]
PRODUCT_ID[7:0]
0xXX
R/W
0x05
[7:0]
PRODUCT_ID[15:8]
0xXX
R/W
0x06
[7:0]
PRODUCT_GRADE
DEVICE_REVISION
0xXX
R
0x10
[7:0]
BIT_INTEGER_WORD[7:0]
0x32
R/W
0x11
[7:0]
BIT_INTEGER_WORD[15:8]
0x00
R/W
0x12
[7:0]
RESERVED
EN_AUTO
CAL
PRE_SEL
RESERVED
0x40
R/W
0x14
[7:0]
FRAC1WORD[7:0]
0x00
R/W
0x15
[7:0]
FRAC1WORD[15:8]
0x00
R/W
0x16
[7:0]
FRAC1WORD[23:16]
0x00
R/W
0x17
[7:0]
FRAC2WORD[6:0]
FRAC1WO
RD[24]
0x00
R/W
0x18
[7:0]
RESERVED
FRAC2WORD[13:7]
0x00
R/W
0x19
[7:0]
MOD2WORD[7:0]
0xE8
R/W
0x1A
[7:0]
RESERVED
PHASE_A
DJ
MOD2WORD[13:8]
0x03
R/W
0x1B
[7:0]
PHASE_WORD[7:0]
0x00
R/W
0x1C
[7:0]
PHASE_WORD[15:8]
0x00
R/W
0x1D
[7:0]
PHASE_WORD[23:16]
0x00
R/W
0x1E
[7:0]
CP_CURRENT
PD_POL
PD
CP_TRI_S
TATE
CNTR_RE
SET
0x48
R/W
0x1F
[7:0]
R_WORD[7:0]
0x01
R/W
0x20
[7:0]
MUXOUT
MUXOUT
_EN
LEV_SEL
R_WORD[9:8]
0x14
R/W
0x22
[7:0]
RESERVED
REFIN_M
ODE
REF_DOU
B
RDIV2
RESERVED
0x00
R/W
0x23
[7:0]
RESERVED
CLK_DIV_MODE
RESERVED
TRACKIN
G_FILTER
_MUX_SE
L
RESERVED
0x00
R/W
0x24
[7:0]
FB_SEL
DIV_SEL
RESERVED
0x80
R/W
0x25
[7:0]
MUTE_LD
RESERVED
RF_DIVSE
L_DB
X4_EN
X2_EN
RF_EN
RF_OUT_POWER
0x07
R/W
0x26
[7:0]
BLEED_ICP
0x32
R/W
0x27
[7:0]
LD_BIAS
LDP
BLEED_G
ATE
BLEED_E
N
RESERVED
0xC1
R/W
0x28
[7:0]
DOUBLE_
BUFF
RESERVED
LD_COUNT
LOL_EN
0x03
R/W
0x2A
[7:0]
RESERVED
BLEED_P
OL
RESERVED
LE_SEL
RESERVED
READ_SEL
0x00
R/W
0x2B
[7:0]
RESERVED
LSB_P1
VAR_MO
D_EN
RESERVED
SD_LOAD
_ENB
RESERVED
SD_EN_F
RAC0
0x31
R/W
0x2C
[7:0]
RESERVED
ALC_RECT
_SELECT_
VCO1
ALC_REF_
DAC_LO_
VCO1
ALC_REF_DAC_NOM_VCO1
VTUNE_C
ALSET_EN
DISABLE_
ALC
0x40
R/W
0x2D
[7:0]
RESERVED
ALC_RECT
_SELECT_
VCO2
ALC_REF_
DAC_LO_
VCO2
ALC_REF_DAC_NOM_VCO2
0x11
R/W
0x2E
[7:0]
RESERVED
ALC_RECT
_SELECT_
VCO3
ALC_REF_
DAC_LO_
VCO3
ALC_REF_DAC_NOM_VCO3
0x12
R/W
0x2F
[7:0]
SWITCH_
LDO_3P3
V_5V
RESERVED
ALC_RECT
_SELECT_
VCO4
ALC_REF_
DAC_LO_
VCO4
ALC_REF_DAC_NOM_VCO4
0x94
R/W
0x30
[7:0]
VCO_BAND_DIV
0x3F
R/W
0x31
[7:0]
TIMEOUT[7:0]
0xA7
R/W
0x32
[7:0]
ADC_MU
X_SEL
RESERVED
ADC_FAS
T_CONV
ADC_CTS
_CONV
ADC_CO
NVERSIO
N
ADC_ENA
BLE
TIMEOUT[9:8]
0x04
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com