Electronic Components Datasheet Search
  English  ▼

X  

ADF4371 Datasheet(PDF) 8 Page - Analog Devices

Part # ADF4371
Description  Microwave Wideband Synthesizer Integrated VCO
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4371 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADF4371 Datasheet HTML 4Page - Analog Devices ADF4371 Datasheet HTML 5Page - Analog Devices ADF4371 Datasheet HTML 6Page - Analog Devices ADF4371 Datasheet HTML 7Page - Analog Devices ADF4371 Datasheet HTML 8Page - Analog Devices ADF4371 Datasheet HTML 9Page - Analog Devices ADF4371 Datasheet HTML 10Page - Analog Devices ADF4371 Datasheet HTML 11Page - Analog Devices ADF4371 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
ADF4371
Preliminary Technical Data
Rev. PrI | Page 8 of 46
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
AVDD rails to GND1
−0.3 V to +3.6 V
AVDD rails to each other
−0.3 V to +0.3 V
VCCVCO to GND1
−0.3 V to +5.5 V
VCCVCO to AVDD
−0.3 V to AVDD + 2.8 V
CPOUT to GND1
−0.3 V to AVDD + 0.3 V
Digital Input/Output Voltage to GND1
−0.3 V to AVDD + 0.3 V
Analog Input/Output Voltage to
GND1
−0.3 V to AVDD + 0.3 V
REFP, REFN to GND1
−0.3 V to AVDD + 0.3 V
REFP to REFN
±2.1 V
Operating Temperature Range
−40°C to +105°C
Storage Temperature Range
−65°C to +125°C
Maximum Junction Temperature
125 °C
Reflow Soldering
Peak Temperature
260°C
Time at Peak Temperature
30 sec
Electrostatic Discharge (ESD)
Charged Device Model
500 V
Human Body Model
3.0 kV
1 GND = 0 V.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required. The thermal resistance
numbers are defined per JESD51 standard.
Table 4. Thermal Resistance
Package Type
θJA
θJC
Unit
TBD
25
14.4
°C/W
TRANSISTOR COUNT
The transistor count for the ADF4371 is 131439 (CMOS) and
4063 (bipolar).
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com