Electronic Components Datasheet Search
  English  ▼

X  

ADF4371 Datasheet(PDF) 4 Page - Analog Devices

Part # ADF4371
Description  Microwave Wideband Synthesizer Integrated VCO
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4371 Datasheet(HTML) 4 Page - Analog Devices

  ADF4371 Datasheet HTML 1Page - Analog Devices ADF4371 Datasheet HTML 2Page - Analog Devices ADF4371 Datasheet HTML 3Page - Analog Devices ADF4371 Datasheet HTML 4Page - Analog Devices ADF4371 Datasheet HTML 5Page - Analog Devices ADF4371 Datasheet HTML 6Page - Analog Devices ADF4371 Datasheet HTML 7Page - Analog Devices ADF4371 Datasheet HTML 8Page - Analog Devices ADF4371 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
ADF4371
Preliminary Technical Data
Rev. PrI | Page 4 of 46
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
RF8 Supply Current
IRF
OUTx±
RF8P/N output stage is
programmable; extra current
drawn in VCC_X1.
28
mA
−4 dBm setting
42
mA
−1 dBm setting
56
mA
2 dBm setting
70
mA
5 dBm setting
RFAUX8 Supply Current
IRF
OUTx±
RFAUX8P/N output stage is
programmable; extra current
drawn in VCC_X1.
43
mA
−4 dBm setting
58
mA
−1 dBm setting
73
mA
2 dBm setting
88
mA
5 dBm setting
RF16 Supply Current
IRF
OUTx±
90
100
mA
Extra current drawn in VCC_X2.
RF32 Supply Current
IRF
OUTx±
130
200
mA
Extra current drawn in VCC_X4.
Low Power Sleep Mode
8
mA
Hardware power-down selected
25
mA
Software power-down selected
RF OUTPUT CHARACTERISTICS
VCO Frequency Range
4000
8000
MHz
Fundamental VCO range
RF8P/RF8N Output Frequency
62.5
8000
MHz
RFAUX8P/RFAUX8N Output Frequency
62.5
8000
MHz
RF16P/RF16N Output Frequency
8000
16000
MHz
2× VCO output
RF32P/RF32N Output Frequency
16000
32000
MHz
4× VCO output
VCO Sensitivity for 5V
KV
50
MHz/V
VCO Sensitivity for 3.3V
KV
50
MHz/V
Frequency Pushing (Open-Loop)
8
MHz/V
Frequency Pulling (Open-Loop)
0.5
MHz
VSWR = 2:1 RF8P/RF8N
30
MHz
VSWR = 2:1 RF16
Maintain Lock Temperature Range4
125
℃
Maintains lock without re-
programming device
Harmonic Content
Second Harmonic RF8P/N
-25
dBc
Fundamental VCO output (RF8P)
Second Harmonic RF8P/N
-25
dBc
Divided VCO output (RF8P)
Third Harmonic RF8P/N
-12
dBc
Fundamental VCO output (RF8P)
Third Harmonic RF8P/N
-15
dBc
Divided VCO output (RF8P)
Second Harmonic RF16P/N
-30
dBc
Measured at 20 GHz
Third Harmonic RF16P/N
-30
dBc
Measured at 30 GHz
Second Harmonic RF32P/N
-30
dBc
Measured at 40 GHz
Third Harmonic RF32P/N
-30
dBc
Measured at 60 GHz
Fundamental VCO Feedthrough
-62
dBc
RF16 = 10 GHz. VCO Freq = 5 GHz
-30
dBc
RF8P/RF8N = 1 GHz;
VCO frequency = 4 GHz
RF Output Power Maximum Setting5
+7
dBm
RF8P = 4 GHz; 7.5 nH inductor to
VCC_X1
+5
dBm
RF8P = 8 GHz; 7.5 nH inductor to
VCC_X1
0
dBm
RF16 = 8 GHz
4
dBm
RF16 = 16 GHz
-1
dBm
RF32 = 16 GHz
-7
dBm
RF32 = 32 GHz
RF Output Power Variation
±1
dB
RF8P/RF8N = 5 GHz
±1
dB
RF16 = 10 GHz
±1
dB
RF32 = 20 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com