Electronic Components Datasheet Search
  English  ▼

X  

ADF4371 Datasheet(PDF) 9 Page - Analog Devices

Part # ADF4371
Description  Microwave Wideband Synthesizer Integrated VCO
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4371 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADF4371 Datasheet HTML 5Page - Analog Devices ADF4371 Datasheet HTML 6Page - Analog Devices ADF4371 Datasheet HTML 7Page - Analog Devices ADF4371 Datasheet HTML 8Page - Analog Devices ADF4371 Datasheet HTML 9Page - Analog Devices ADF4371 Datasheet HTML 10Page - Analog Devices ADF4371 Datasheet HTML 11Page - Analog Devices ADF4371 Datasheet HTML 12Page - Analog Devices ADF4371 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
Preliminary Technical Data
ADF4371
Rev. PrI | Page 9 of 46
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 6. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 9, 12,
13, 20,
24, 25,
28, 36,
37,
42, 48,
EP
GND
Ground return.
2
CPOUT
Charge Pump Output. When enabled, this output provides ±ICP to the external loop filter. The output of the
loop filter is connected to VTUNE to drive the internal VCO.
3
R2_SW
Loop Filter Switch. Used for switching loop filter resistors in fastlock applications.
4
VCC_CAL
Power Supply for Internal Calibration Monitor Circuit. The voltage on this pin ranges from 3.15V to 3.45 V.
VCC_CAL must have the same value as AVDD, nominally 3.3V.
5
VTUNE
Control Input to the VCO. This voltage determines the output frequency and is derived from filtering the
CPOUT output voltage.
6
VCC_REG_OUT
VCO Supply Regulator Out. The output supply voltage of the VCO regulator is available at this pin, and
should be decoupled to GND with a 10 uF capacitor, and shorted to pin VCC_VCO. It is to be left open if an
external LDO regulator is connected to VCC_VCO.
7
VCC_VCO
Power Supply for the VCO. The voltage on this pin ranges from 4.75V to 5.25 V. Place decoupling capacitors
to the analog ground plane as close to this pin as possible. For best performance, this supply must be clean
and have low noise.
8
VCC_LDO
Supply pin to the VCO regulator. If the internal regulator is used, the voltage supply for is to be connected
here. The voltage on this pin ranges from 4.75V to 5.25 V. If the external regulator is used, then this pin
should be shorted to VCC-VCO.
10
RF32N
Quadrupler Output. AC or DC couple to the next stage. This can be powered off when not in use. If unused
these pins can be left open.
11
RF32P
Complementary Quadrupler Output. AC or DC couple to the next stage. This can be powered off when not
in use. If unused these pins can be left open.
14
VCC_X4
Power Supply for the Quadrupler RF Output. The voltage on this pin must have the same value as AVDD.
1
2
3
GND
SCLK
SDIO
4
5
6
VDD_NDIV
7
VCC_3V
TOP
VIEW
(Not to Scale)
ADF4371
25
GND
26
RF32P
27
RF32N
28
GND
29
VCC_LDO
30
VCC_VCO
31
VCC_REG_OUT
32
CPOUT
33
VTUNE
34
VCC_CAL
35
R2_SW
NOTES
1. THE LGA HAS AN EXPOSED PAD THAT MUST BE SOLDERED TO A METAL PLATE
ON THE PCB FOR MECHANICAL REASONS AND TO GND.
36
GND
8
VCC_MUX
9
GND
10
RF16N
11
RF16P
12
GND
VDD_LS
CSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com