Electronic Components Datasheet Search
  English  ▼

X  

ADF4371 Datasheet(PDF) 16 Page - Analog Devices

Part # ADF4371
Description  Microwave Wideband Synthesizer Integrated VCO
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4371 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADF4371 Datasheet HTML 12Page - Analog Devices ADF4371 Datasheet HTML 13Page - Analog Devices ADF4371 Datasheet HTML 14Page - Analog Devices ADF4371 Datasheet HTML 15Page - Analog Devices ADF4371 Datasheet HTML 16Page - Analog Devices ADF4371 Datasheet HTML 17Page - Analog Devices ADF4371 Datasheet HTML 18Page - Analog Devices ADF4371 Datasheet HTML 19Page - Analog Devices ADF4371 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
ADF4371
Preliminary Technical Data
Rev. PrI | Page 16 of 46
FRAC2 = [(N − INT) × 225 − FRAC1)] × MOD2
(5)
The FRAC2 and MOD2 fraction result in outputs with zero
frequency error for channel spacings when
fPFD/GCD(fPFD, fCHSP) = MOD2 < 16,383
(6)
where:
fPFD is the frequency of the phase frequency detector.
fCHSP is the desired channel spacing.
GCD is a greatest common divisor function.
If zero frequency error is not required, the MOD1 and MOD2
denominators operate together to create a 39-bit resolution
modulus.
INT N Mode
When FRAC1 and FRAC2 are equal to 0, the synthesizer
operates in integer-N mode. It is recommended that the
SD_EN_FRAC0 bit in REG2B, DB0 be set to 1. This disables the
Sigma Delta Modulators which gives an improvement in the in-
band phase noise, and reduces any additional signal delta noise.
R Counter
The 10-bit R counter allows the input reference frequency
(REFP/N) to be divided down to produce the reference clock to
the PFD. Division ratios from 1 to 1023 are allowed.
PHASE FREQUENCY DETECTOR (PFD) AND
CHARGE PUMP
The PFD takes inputs from the R counter and N counter and
produces an output proportional to the phase and frequency
difference between them. Figure below is a simplified schematic
of the phase frequency detector. The PFD includes a fixed delay
element that sets the width of the anti-backlash pulse. This
pulse ensures that there is no dead zone in the PFD transfer
function and provides a consistent reference spur level. Set the
phase detector polarity to positive on this device because of the
positive tuning of the VCO.
PFD Simplified Schematic
MUXOUT AND LOCK DETECT
The output multiplexer on the ADF4371 allows the user to access
various internal points on the chip. Figure below shows the
MUXOUT section in block diagram form.
MUXOUT Schematic
DOUBLE BUFFERS
The following settings in the ADF4371 are double buffered: main
fractional value (FRAC1), auxiliary modulus value (MOD2),
auxiliary fractional value (FRAC2), reference doubler, reference
divide by 2 (RDIV2), R counter value, and charge pump current
setting. Two events must occur before the ADF4371 uses a new
value for any of the double buffered settings. First, the new value
must latch into the device by writing to the appropriate register,
and second, a new write to Register 10 must be performed.
For example, to ensure that the modulus value loads correctly,
every time that the modulus value updates, Register 10 must be
written to.
VCO
The VCO core in the ADF4371 consists of four separate VCOs,
each of which uses 256 overlapping bands, which allows the
device to cover a wide frequency range without large VCO
sensitivity (KV) and without resultant poor phase noise and
spurious performance.
The correct VCO and band are chosen automatically by the
VCO and band select logic whenever Register 10 is updated and
automatic calibration is enabled. The VCO VTUNE is disconnected
from the output of the loop filter and is connected to an internal
reference voltage.
The R counter output is used as the clock for the band select
logic. After band selection, normal PLL action resumes. The
nominal value of KV is 50 MHz/V when the N divider is driven
from the VCO output, or the KV value is divided by D. D is
the output divider value if the N divider is driven from the
RF output divider.
The VCO shows variation of KV as the tuning voltage, VTUNE,
varies within the band and from band to band. For wideband
applications covering a wide frequency range (and changing
output dividers), a value of 50 MHz/V provides the most accurate
KV, because this value is closest to the average value. Figure 12
and 13 shows how KV varies with fundamental VCO frequency
along with an average value for the frequency band. Users may
prefer this figure when using narrow-band designs.
U3
CLR2
Q2
D2
U2
DOWN
UP
HIGH
HIGH
CP
–IN
+IN
CHARGE
PUMP
DELAY
CLR1
Q1
D1
U1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com