Electronic Components Datasheet Search
  English  ▼

X  

ADF4371 Datasheet(PDF) 3 Page - Analog Devices

Part # ADF4371
Description  Microwave Wideband Synthesizer Integrated VCO
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4371 Datasheet(HTML) 3 Page - Analog Devices

  ADF4371 Datasheet HTML 1Page - Analog Devices ADF4371 Datasheet HTML 2Page - Analog Devices ADF4371 Datasheet HTML 3Page - Analog Devices ADF4371 Datasheet HTML 4Page - Analog Devices ADF4371 Datasheet HTML 5Page - Analog Devices ADF4371 Datasheet HTML 6Page - Analog Devices ADF4371 Datasheet HTML 7Page - Analog Devices ADF4371 Datasheet HTML 8Page - Analog Devices ADF4371 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
Preliminary Technical Data
ADF4371
Rev. PrI | Page 3 of 46
SPECIFICATIONS
4.75V ≤ VCCVCO ≤ 5.25 V, All other supply pins = 3.3 V ± 5%, GND = 0 V, dBm referred to 50 Ω, TA = TMIN to TMAX, unless otherwise noted.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
REFP/REFN CHARACTERISTICS
Input Frequency
Single-Ended Mode
10
500
MHz
Differential Mode
10
600
MHz
Input Sensitivity
Single-Ended Mode
0.4
AVDD
V p-p
REFP biased at AVDD/2;
ac coupling ensures AVDD/2 bias
Differential Mode
0.4
1.8
V p-p
LVDS and LVPECL compatible,
REFP/REFN biased at 2.1 V;
ac coupling ensures 2.1 V bias
Input Capacitance
Single-Ended Mode
6.9
pF
Differential Mode
1.4
pF
Input Current
±120
µA
Single-ended reference
programmed
±300
µA
Differential reference
programmed
Phase Detector Frequency
160
MHz
Fractional Mode (Variable
Modulus)
Phase Detector Frequency
160
MHz
Fractional Mode (Fixed Modulus)
Phase Detector Frequency
250
MHz
Integer Mode
CHARGE PUMP (CP)
Charge Pump Current, Sink/Source
ICP
High Value
4.8
mA
Low Value
0.3
mA
Current Matching
3
%
0.5 V ≤ VCP1 ≤ VP − 0.5 V
ICP vs. VCP
3
%
0.5 V ≤ VCP1 ≤ VP − 0.5 V
ICP vs. Temperature
1.5
%
VCP1 = 2.5 V
LOGIC INPUTS
(CSB / SDIO /SCLK) CE is 3V logic.
Input High Voltage
VINH
1.17
V
Input Low Voltage
VINL
0.63
V
Input Current
IINH/IINL
±1
µA
Input Capacitance
CIN
3.0
pF
LOGIC OUTPUTS
Output High Voltage
VOH
DVDD-
0.4
V
3.3 V output selected
1.5
1.8
V
1.8 V output selected
Output High Current
IOH
500
µA
Output Low Voltage
VOL
0.4
V
IOL2 = 500 µA
POWER SUPPLIES
AVDD3
(VCC_CAL, VCC_X4, VDD_X4, VCC_X1,
VDD_X1, VCC_X2, VCC_MUX, VCC_3V,
VDD_NDIV, VDD_LS, VCC_LDO_3V,
VCC_REF, VDD_PFD, VDD_VP)
AVDD
AIDD
3.15
175
3.45
225
V
mA
All pins listed are grouped as
AVDD, and are at same voltage.
All outputs are disabled.
Output Dividers
7 to 42
mA
VCC_VCO Supply Voltage
VCC_VCO
3.13
3.3
3.47
V
3.3 V condition
4.75
5
5.25
V
5 V condition
VCO Supply Current
IVCO
120
150
mA
Characterized for VCC_VCO=5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com