Electronic Components Datasheet Search
  English  ▼

X  

AM29BDD160G Datasheet(PDF) 17 Page - Advanced Micro Devices

Part # AM29BDD160G
Description  16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDD160G Datasheet(HTML) 17 Page - Advanced Micro Devices

Back Button AM29BDD160G Datasheet HTML 13Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 14Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 15Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 16Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 17Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 18Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 19Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 20Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 21Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 80 page
background image
Am29BDD160G
15
Caution: entering the standby mode via the RE-
SET# pin also resets the device to the read mode
and floats the data I/O pins. Furthermore, entering
I
CC7 during a program or erase operation will leave
erroneous data in the address locations being oper-
ated on at the time of the RESET# pulse. These
locations require updating after the device resumes
standard operations. Refer to the “RESET#: Hard-
ware Reset Pin” section for further discussion of the
RESET# pin and its functions
.
RESET#: Hardware Reset Pin
The RESET# pin is an active low signal that is used
to reset the device under any circumstances. A logic
“0” on this pin forces the device out of any mode
that is currently executing back to the reset state.
The RESET# pin may be tied to the system reset cir-
cuitry. A system reset would thus also reset the
device. To avoid a potential bus contention during a
system reset, the device is isolated from the DQ data
bus by tri-stating the data output pins for the dura-
tion of the RESET pulse. All pins are “don’t care”
during the reset operation.
If RESET# is asserted during a program or erase op-
eration, the RY/BY# pin remains low until the reset
operation is internally complete. This action requires
between 1 µs and 7µs for either Chip Erase or Sector
Erase. The RY/BY# pin can be used to determine
when the reset operation is complete. Otherwise,
allow for the maximum reset time of 11 µs. If RE-
SET# is asserted when a program or erase operation
is not executing (RY/BY# = “1”), the reset operation
will complete within 500 ns. Since the Am29BDD160
is a Simultaneous Operation device the user may
read a bank after 500 ns if the bank was in the read/
reset mode at the time RESET# was asserted. If one
of the banks was in the middle of either a program or
erase operation when RESET# was asserted, the
user must wait 11 µs before accessing that bank.
Asserting RESET# during a program or erase opera-
tion leaves erroneous data stored in the address
locations being operated on at the time of device re-
set. These locations need updating after the reset
operation is complete. See Figure 19 for timing spec-
ifications.
Asserting RESET# active during V
CC a nd VIO power-
up is required to guarantee proper device initializa-
tion until V
CC and VIO have reached their steady
state voltages.
Output Disable Mode
See Table 1 Device Bus Operation for OE# Operation
in Output Disable Mode.
Autoselect Mode
The autoselect mode provides manufacturer and de-
vice identification, and sector protection verification,
through identifier codes output on DQ7–DQ0. This
mode is primarily intended for programming equip-
ment to automatically match a device to be
programmed with its corresponding programming al-
gorithm. However, the autoselect codes can also be
accessed in-system through the command register.
When using programming equipment, the au-
toselect mode requires V
ID on address pin A9.
Address pins A6, A1, and A0 must be as shown
in Table 12 (top boot devices) or Table 13 (bot-
tom boot devices). In addition, when verifying
sector protection, the sector address must ap-
pear on the appropriate highest order address
bits (see Tables 11 and 12). See Table 5 shows
the remaining address bits that are don’t care.
When all necessary bits have been set as re-
quired, the programming equipment may then
read the corresponding identifier code on DQ7–
DQ0.
To access the autoselect codes in-system, the
host system can issue the autoselect command
via the command. This method does not re-
quire V
ID. S ee “C om m a nd D e f i n i t i on s” for
details on using the autoselect mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com