Electronic Components Datasheet Search
  English  ▼

X  

AM29BDD160G Datasheet(PDF) 3 Page - Advanced Micro Devices

Part # AM29BDD160G
Description  16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDD160G Datasheet(HTML) 3 Page - Advanced Micro Devices

  AM29BDD160G Datasheet HTML 1Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 2Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 3Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 4Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 5Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 6Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 7Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 8Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 80 page
background image
DATA SHEET
1
Publication# 24960
Rev: D Amendment/+3
Issue Date: February 2, 2005
Refer to AMD’s Website (www.amd.com) for the latesst information.
Am29BDD160G
16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst
Mode, Dual Boot, Simultaneous Read/Write Flash Memory
DISTINCTIVE CHARACTERISTICS
ARCHITECTURAL ADVANTAGES
■
Simultaneous Read/Write operations
— Data can be continuously read from one bank
while executing erase/program functions in
other bank. (–40°C to 85°C, 56 MHz and below
only)
— Zero latency between read and write opera-
tions
— Two bank architecture: 75%/25%
■
User-Defined x16 or x32 Data Bus
■
Dual Boot Block
— Top and bottom boot in the same device
■
Flexible sector architecture
— Eight 8 Kbytes, thirty 64 Kbytes, and eight 8
Kbytes sectors
■
Manufactured
on
0.17
µm
process
technology
■
SecSi (Secured Silicon) Sector (256 Bytes)
— Current version of device has 64 Kbytes; future
versions will have 256 bytes
— Factory locked and identifiable: 16 bytes for
secure, random factory Electronic Serial Num-
ber; remainder may be customer data pro-
grammed by AMD
— Customer lockable: Can be read, programmed,
or erased just like other sectors. Once locked,
data cannot be changed
■
Programmable Burst interface
— Interface to any high performance processor
— Modes of Burst Read Operation: Linear Burst:
4 double words (x32), 8 words (x16) and dou-
ble words (x32), and 32 words (x16) with wrap
around
■
Single power supply operation
— Optimized for 2.5 to 2.75 volt read, erase, and
program operations
■
Compatible with JEDEC standards (JC42.4)
— Pinout and software compatible with
single-power-supply flash standard
PERFORMANCE CHARACTERISTICS
■
High performance read access
— Initial/random access time as fast as 54 ns
— Burst access time as fast as 9 ns for ball grid
array package
■
Ultra low power consumption
— Burst Mode Read: 90 mA @ 66 MHz max
— Program/Erase: 50 mA max
— Standby mode: CMOS: 60 µA max
■
Minimum 1 million write cycles guaranteed
per sector
■
20 year data retention at 125°C
■
Versatile I/O
TM control
—
Device generates data output voltages and tol-
erates data input voltages as determined by
the voltage on the V
IO pin
— 1.65 V to 2.75 V compatible I/O signals
SOFTWARE FEATURES
■
Persistent Sector Protection
— A command sector protection method to lock
combinations of individual sectors and sector
groups to prevent program or erase operations
within that sector (requires only V
CC levels)
■
Password Sector Protection
— A sophisticated sector protection method to
lock combinations of individual sectors and
sector groups to prevent program or erase op-
erations within that sector using a user-defin-
able 64-bit password
■
Supports Common Flash Interface (CFI)
■
Unlock Bypass Program Command
— Reduces overall programming time when issu-
ing multiple program command sequences
■
Data# Polling and toggle bits
— Provides a software method of detecting pro-
gram or erase operation completion
HARDWARE FEATURES
■
Program Suspend/Resume & Erase Sus-
pend/Resume
— Suspends program or erase operations to allow
reading, programming, or erasing in same
bank
■
Hardware Reset (RESET#), Ready/Busy#
(RY/BY#), and Write Protect (WP#) inputs
■
ACC input
— Accelerates programming time for higher
throughput during system production
■
Package options
— 80-pin PQFP
— 80-ball Fortified BGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com