Electronic Components Datasheet Search
  English  ▼

X  

AM29BDD160G Datasheet(PDF) 18 Page - Advanced Micro Devices

Part # AM29BDD160G
Description  16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDD160G Datasheet(HTML) 18 Page - Advanced Micro Devices

Back Button AM29BDD160G Datasheet HTML 14Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 15Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 16Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 17Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 18Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 19Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 20Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 21Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 22Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 80 page
background image
16
Am29BDD160G
Table 5. Am29BDD160 Autoselect Codes (High Voltage Method)
L = Logic Low = V
IL, H = Logic High = VIH, SA = Sector Address, X = Don’t care.
Note: The autoselect codes may also be accessed in-system via command sequences. See Tables 18 and 20.
Asynchronous Read Operation (Non-
Burst)
The device has two control functions which must be
satisfied in order to obtain data at the outputs. CE#
is the power control and should be used for device
selection. OE# is the output control and should be
used to gate data to the output pins if the device is
selected. The device is power-up in an asynchronous
read mode. In the asynchronous mode the device
has two control functions which must be satisfied in
order to obtain data at the outputs. CE# is the power
control
and should be used for device selection.
OE# is the output control and should be used to gate
data to the output pins if the device is selected.
Address access time (t
ACC) is equal to the delay from
stable addresses to valid output data. The chip en-
able access time (t
CE) is the delay from the stable
addresses and stable CE# to valid data at the output
pins. The output enable access time is the delay
from the falling edge of OE# to valid data at the out-
put pins (assuming the addresses have been stable
for at least t
ACC–tOEtime).
6. Note: Operation is shown for the 32-bit data bus. For the 16-bit data bus, A-1 is required.
Figure 1. Asynchronous Read Operation
Description
CE#
OE# WE#
A18
to
A11
A10
A9
A8
A7
A6
A5
to
A4
A3
A2
A1
A0
DQ7 to DQ0
Manufacturer ID:
AMD
L
L
H
X
X
VIO
X
X
L
X
X
X
L
L
0001h
Read Cycle 1
L
L
H
X
X
VIO
X
L
L
X
L
L
L
H
007Eh
Read Cycle 2
L
L
H
X
X
VIO
X
L
L
L
H
H
H
L
0008h
Read Cycle 3
L
L
H
X
X
VIO
X
L
L
L
H
H
H
H
0000h (top
boot block)
0001h (bottom
boot block)
PPB Protection
Status
L
L
H
SA
X
VIO
X
L
L
L
L
L
H
L
0000h
(unprotected)
0001h
(protected)
CE#
CLK
ADV#
A0-A18
DQ0-DQ31
OE#
WE#
IND/WAIT#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com