Electronic Components Datasheet Search
  English  ▼

X  

AM29BDD160G Datasheet(PDF) 28 Page - Advanced Micro Devices

Part # AM29BDD160G
Description  16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDD160G Datasheet(HTML) 28 Page - Advanced Micro Devices

Back Button AM29BDD160G Datasheet HTML 24Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 25Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 26Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 27Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 28Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 29Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 30Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 31Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 32Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 80 page
background image
26
Am29BDD160G
Persistent Protection Bit Lock
The Persistent Protection Bit (PPB) Lock is a volatile
bit that reflects the state of the Password Mode Lock-
ing Bit after power-up reset. If the Password Mode
Locking Bit is set, which indicates the device is in
Password Protection Mode, the PPB Lock Bit is also
set after a hardware reset (RESET# asserted) or a
power-up reset. The ONLY means for clearing the
PPB Lock Bit in Password Protection Mode is to issue
the Password Unlock command. Successful execution
of the Password Unlock command clears the PPB
Lock Bit, allowing for sector PPBs modifications. As-
serting RESET#, taking the device through a power-
on reset, or issuing the PPB Lock Bit Set command
sets the PPB Lock Bit back to a “1”.
If the Password Mode Locking Bit is not set, indicat-
ing Persistent Sector Protection Mode, the PPB Lock
Bit is cleared after power-up or hardware reset. The
PPB Lock Bit is set by issuing the PPB Lock Bit Set
command. Once set the only means for clearing the
PPB Lock Bit is by issuing a hardware or power-up
reset. The Password Unlock command is ignored in
Persistent Sector Protection Mode.
Hardware Data Protection
The command sequence requirement of unlock
cycles for programming or erasing provides
data protection against inadvertent writes. In
addition, the following hardware data protec-
tion measures prevent accidental erasure or
programming, which might otherwise be
caused by spurious system level signals during
V
CC power-up and power-down transitions, or
from system noise.
Low V
CC Write Inhibit
When V
CC is less than VLKO, the device does not
accept any write cycles. This protects data dur-
ing V
CC power-up a n d
power- down. The
command register and all internal erase/pro-
gram circuits are disabled, and the device
resets. Subsequent writes are ignored until V
CC
is greater than V
LKO. The system must provide
the proper signals to the control pins to prevent
unintentional writes when V
CC is greater than
V
LKO.
Write Pulse “Glitch” Protection
Noise pulses of less than 5 ns (typical) on OE#, CE#,
or WE# do not initiate a write cycle.
Logical Inhibit
Write cycles are inhibited by holding any one of
OE# = V
IL, CE# = VIH, or WE# = VIH. To initiate
a write cycle, CE# and WE# must be a logical
zero (V
IL) while OE# is a logical one (VIH).
Power-Up Write Inhibit
If WE# = CE# = V
IL and O E# = VIH during
power-up, the device does not accept com-
mands on the rising edge of WE#. The internal
state machine is automatically reset to reading
array data on power-up.
V
CC and VIO Power-up And Power-down
Sequencing
The device imposes no restrictions on V
CC and
V
IO power-up or power-down sequencing. As-
serting RESET# to V
IL is required during the
entire V
CC and VIO power sequence until the re-
spective supp lies reach their op erating
voltages. Once, V
CC and VIO attain their respec-
tive operating voltages, de-assertion of
RESET# to V
IH is permitted.
Table 12. Sector Addressees for Top Boot Sector Devices (Sheet 1 of 2)
Sector
Sector Group
x16 Address Range
(A18:A-1)
x32 Address Range
(A18:A0)
Sector Size
(Kwords)
Bank 1
(Note 2)
SA0 (Note 1)
SG0
00000h-00FFFh
00000h-007FFh
4
SA1
SG1
01000h-01FFFh
00800h-00FFFh
4
SA2
SG2
02000h-02FFFh
01000h-017FFh
4
SA3
SG3
03000h-03FFFh
01800h-01FFFh
4
SA4
SG4
04000h-04FFFh
02000h-027FFh
4
SA5
SG5
05000h-05FFFh
02800h-02FFFh
4
SA6
SG6
06000h-06FFFh
03000h-037FFh
4
SA7
SG7
07000h-07FFFh
03800h-03FFFh
4
SA8
08000h-0FFFFh
04000h-07FFFh
32
SA9
SG8
10000h-17FFFh
08000h-0BFFFh
32
SA10
18000h-1FFFFh
0C000h-0FFFFh
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com