Electronic Components Datasheet Search
  English  ▼

X  

AM29BDD160G Datasheet(PDF) 57 Page - Advanced Micro Devices

Part # AM29BDD160G
Description  16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDD160G Datasheet(HTML) 57 Page - Advanced Micro Devices

Back Button AM29BDD160G Datasheet HTML 53Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 54Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 55Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 56Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 57Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 58Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 59Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 60Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 61Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 80 page
background image
Am29BDD160G
55
ABSOLUTE MAXIMUM RATINGS
Storage Temperature
Plastic Packages. . . . . . . . . . . . . .–65°C to +150°C
Ambient Temperature
with Power Applied . . . .... . . .... –65°C to +145°C
V
CC, VIO(Note 1) . . . . . . . . ..... . .–0.5 V to + 3.0 V
ACC, A9, OE#, and RESET# (Note 2) . . . . . . . . . . .
. . . . . . . . . . . . . . . . . . . . . . . . . .–0.5 V to +13.0 V
Address, Data, Control Signals
(with the exception of CLK) (Note 1) –0.5 V to 3.6
All other pins (Note 1) . . . . . . . . . .–0.5 V to +5.5 V
Output Short Circuit Current (Note 3) . . . . . 200 mA
Notes:
1. Minimum DC voltage on input or I/O pins is –0.5 V.
During voltage transitions, input at I/O pins may
overshoot V
SS to –2.0 V for periods of up to 20 ns. See
Figure 9. Maximum DC voltage on output and I/O pins is
3.6 V. During voltage transitions output pins may
overshoot to V
CC + 2.0 V for periods up to 20 ns. See
Figure 9.
2. Minimum DC input voltage on pins ACC, A9, OE#, and
RESET# is -0.5 V. During voltage transitions, A9, OE#,
and RESET# may overshoot V
SS to –2.0 V for periods of
up to 20 ns. See Figure 8. Maximum DC input voltage on
pin A9 and OE# is +13.0 V which may overshoot to 14.0
V for periods up to 20 ns.
3. 3.No more than one output may be shorted to ground at
a time. Duration of the short circuit should not be
greater than one second.
4. 4.Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only; functional operation of the
device at these or any other conditions above those
indicated in the operational sections of this data sheet is
not implied. Exposure of the device to absolute
maximum rating conditions for extended periods may
affect device reliability.
Figure 8. Maximum Negative Overshoot
Waveform
Figure 9. Maximum Positive Overshoot
Waveform
OPERATING RANGES
Industrial (I) Devices
Ambient Temperature (T
A) . . . .–40°C to +85°C
Extended (E) Devices
Ambient Temperature (T
A) . . .–40°C to +125°C
V
CC Supply Voltages
V
CC for regulated voltage range . 2.5 V to 2.75 V
V
IO Supply Voltages
V
IO . . . . . . . . . . . . . . . . . . . . 1.65 V to 2.75 V
Operating ranges define those limits between which
the functionality of the device is guaranteed.
20 ns
20 ns
20 ns
+0.8 V
-0.5 V
-2.0 V
20 ns
Vcc
+2.0V
Vcc
+0.5V
2.0 V
20 ns
20 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com