Electronic Components Datasheet Search
  English  ▼

X  

AM29BDD160G Datasheet(PDF) 6 Page - Advanced Micro Devices

Part # AM29BDD160G
Description  16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDD160G Datasheet(HTML) 6 Page - Advanced Micro Devices

Back Button AM29BDD160G Datasheet HTML 2Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 3Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 4Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 5Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 6Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 7Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 8Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 9Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 10Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 80 page
background image
4
Am29BDD160G
Configuration Register Write Command ........................36
Common Flash Interface (CFI) Command ......................36
SecSi Sector Entry Command ...............................................38
Password Program Command .............................................38
Password Verify Command ..................................................38
Password Protection Mode Locking Bit Program
Command ..................................................................................38
Persistent Sector Protection Mode Locking Bit
Program Command ................................................................39
SecSi Sector Protection Bit Program Command ...........39
PPB Lock Bit Set Command .................................................39
DYB Write Command ...........................................................39
Password Unlock Command ...............................................39
PPB Program Command ....................................................... 40
DYB Write ............................................................................... 40
PPB Lock Bit Set ..................................................................... 40
DYB Status ................................................................................ 40
PPB Lock Bit Status ................................................................ 40
Non-volatile Protection Bit Program And Erase
Flow ............................................................................................ 40
Table 19. Memory Array Command
Definitions (x32 Mode) ................................................................... 42
Table 20. Sector Protection Command
Definitions (x32 Mode) ................................................................... 43
Table 21. Memory Array Command
Definitions (x16 Mode) .................................................................... 45
Table 22. Sector Protection Command
Definitions (x16 Mode) .................................................................... 47
Write Operation Status . . . . . . . . . . . . . . . . . . . . 49
DQ7: Data# Polling ................................................................ 49
RY/BY#: Ready/Busy# ........................................................... 49
Figure 6. Data# Polling Algorithm .............................................. 50
DQ6: Toggle Bit I ................................................................... 50
DQ2: Toggle Bit II .................................................................. 50
Reading Toggle Bits DQ6/DQ2 ............................................51
DQ5: Exceeded Timing Limits ..............................................51
Figure 7. Toggle Bit Algorithm ...................................................... 51
Table 23. Write Operation Status ............................................... 52
Absolute Maximum Ratings . . . . . . . . . . . . . . . . . 53
Figure 8. Maximum Negative Overshoot Waveform ............ 53
Figure 9. Maximum Positive Overshoot Waveform............... 53
OPERATING RANGES ...........................................................53
DC CHARACTERISTICS . . . . . . . . . . . . . . . . . . . 54
Table 24. CMOS Compatible ........................................................ 54
DC CHARACTERISTICS (Continued) . . . . . . . . 55
Zero Power Flash ....................................................................55
Figure 10. ICC1 Current vs. Time
(Showing Active and Automatic Sleep Currents) .................. 55
Figure 11. Typical Icc1 vs. Frequency............................................. 55
Test Conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . 56
Figure 12. Test Setup ....................................................................... 56
Table 25. Test Specifications ......................................................... 56
KEY TO SWITCHING WAVEFORMS .............................56
SWITCHING WAVEFORMS ...............................................56
Figure 13. Input Waveforms and Measurement
Levels .................................................................................................... 56
AC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 57
VCC and VIO Power Up ........................................................57
Figure 14. VCC and VIO Power-up Diagram............................ 57
Asynchronous Read Operations ........................................ 58
Burst Mode Read .....................................................................59
Figure 15. Conventional Read Operations Timings................. 60
Figure 16. Burst Mode Read (x32 Mode).................................... 60
Figure 17. Asynchronous Command Write Timing.................. 61
Figure 18. Synchronous Command Write/Read Timing ......... 61
Hardware Reset (RESET#) ................................................... 62
Figure 19. Reset Timing.................................................................... 63
Figure 20. WP# Timing ................................................................... 63
Erase/Program Operations .................... 64
Figure 21. Program Operation Timings ..................................... 65
Figure 22. Chip/Sector Erase Operation Timings ................... 65
Figure 23. Back-to-Back Cycle Timing ........................................ 66
Figure 24. Data# Polling Timings (During Embedded
Algorithms) ........................................................................................ 66
Figure 25. Toggle Bit Timings (During Embedded
Algorithms) ......................................................................................... 67
Figure 26. DQ2 vs. DQ6 for Erase and Erase Suspend
Operations .......................................................................................... 67
Figure 27. Synchronous Data Polling Timing/Toggle
Bit Timing............................................................................................. 68
Figure 28. Sector Protect/Unprotect Timing Diagram.......... 68
Alternate CE# Controlled Erase/Program
Operations ................................................................................. 69
Figure 29. Alternate CE# Controlled Write Operation
Timings ................................................................................................. 70
Erase and Programming Performance . . . . . . . . . 71
LATCHUP CHARACTERISTICS .........................................71
PQFP AND FORTIFIED BGA PIN CAPACITANCE ....71
DATA RETENTION ................................................................71
Physical Dimensions . . . . . . . . . . . . . . . . . . . . . . . 72
PQR080-80-Lead Plastic Quad Flat Package ....................72
Physical Dimensions . . . . . . . . . . . . . . . . . . . . . . . 73
LAA 080-80-ball Fortified Ball Grid
Array (13 x 11 mm) .....................................................................73
Revision Summary. . . . . . . . . . . . . . . . . . . . . . . . . 74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com