Electronic Components Datasheet Search
  English  ▼

X  

AM29BDD160G Datasheet(PDF) 48 Page - Advanced Micro Devices

Part # AM29BDD160G
Description  16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDD160G Datasheet(HTML) 48 Page - Advanced Micro Devices

Back Button AM29BDD160G Datasheet HTML 44Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 45Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 46Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 47Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 48Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 49Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 50Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 51Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 52Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 80 page
background image
46
Am29BDD160G
DYB = Dynamic Protection Bit
OW = Address (A5–A0) is (011X10). PPB = Persistent Pro-
tection Bit
PWA = Password Address. A0 selects between the low and
high 32-bit portions of the 64-bit Password
PWD = Password Data. Must be written over two cycles.
PL = Password Protection Mode Lock Address (A5–A0) is
(001X10)
RD(0) = Read Data DQ0 protection indicator bit. If pro-
tected, DQ0= 1, if unprotected, DQ0 = 0.
RD(1) = Read Data DQ1 protection indicator bit. If pro-
tected, DQ1 = 1, if unprotected, DQ1 = 0.
SA = Sector Address where security command applies.
Address bits A18:A11 uniquely select any sector.
SL = Persistent Protection Mode Lock Address (A5–A0)
is (010X10)
WP = PPB Address (A5–A0) is (111X10)
X = Don’t care
PPMLB = Password Protection Mode Locking Bit
SPMLB = Persistent Protection Mode Locking Bit
1. See Table 1 for description of bus operations.
2. All values are in hexadecimal.
3. Shaded cells in table denote read cycles. All other cycles
are write operations.
4. During unlock cycles, (lower address bits are 555 or
2AAh as shown in table) address bits higher than A11
(except where BA is required) and data bits higher than
DQ7 are don’t cares.
5. The reset command returns the device to reading the ar-
ray.
6. The fourth cycle programs the addressed locking bit. The
fifth and sixth cycles are used to validate whether the bit
has been fully programmed. If DQ0 (in the sixth cycle)
reads 0, the program command must be issued and vil-
ified again.
7. Data is latched on the rising edge of WE#.
8. The entire four bus-cycle sequence must be entered for
each portion of the password.
9. The fourth cycle erases all PPBs. The fifth and sixth cy-
cles are used to validate whether the bits have been fully
erased. If DQ0 (in the sixth cycle) reads 1, the erase
command must be issued and verified again.
10. Before issuing the erase command, all PPBs should be
programmed in order to prevent over-erasure of PPBs.
11. In the fourth cycle, 00h indicates PPB set; 01h indicates
PPB not set.
12. The status of additional PPBs and DYBs may be read (fol-
lowing the fourth cycle) without reissuing the entire
command sequence.
DYB Status (12)
4
555
AA
2AA
55
(BA)
555
58
SA
RD(0)
PPMLB Program
(5,6)
6
555
AA
2AA
55
555
60
PL
68
PL
48
PL
RD(0)
PPMLB Status (5)
6
555
AA
2AA
55
555
60
PL
RD(0)
SPMLB Program
(5, 6)
6
555
AA
2AA
55
555
60
SL
68
SL
48
SL
RD(0)
SPMLB Status (5)
6
555
AA
2AA
55
555
60
SL
RD(0)
Table 20. Sector Protection Command Definitions (x32 Mode) (Sheet 2 of 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com