Electronic Components Datasheet Search
  English  ▼

X  

ESP8266 Datasheet(PDF) 19 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP8266
Description  General Purpose Input/Output Interface (GPIO)
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP8266 Datasheet(HTML) 19 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP8266 Datasheet HTML 15Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 16Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 17Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 18Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 19Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 20Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 21Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 22Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 23Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 117 page
background image
!
2. GPIO
2.3.3. Parameter Configuration for Scene 3
typedef enum {
GPIO_PIN_INTR_DISABLE = 0,
GPIO_PIN_INTR_POSEDGE = 1,
GPIO_PIN_INTR_NEGEDGE = 2,
GPIO_PIN_INTR_ANYEGDE = 3,
GPIO_PIN_INTR_LOLEVEL = 4,
GPIO_PIN_INTR_HILEVEL = 5
} GPIO_INT_TYPE;
This structure is used to configure the GPIO interrupt trigger manner. It is declared in
gpio.h.
1. Configure the MTDI to GPIO mode.
PIN_FUNC_SELECT(PERIPHS_IO_MUX_MTDI_U,FUNC_GPIO12);
This sentence writes 1 into bits 4-5 of PERIPHS_IO_MUX_MTDI_U register. When bits 4-5
of PERIPHS_IO_MUX_MTDI_U are set to be 1, the MTDI is configured to the GPIO mode.
2. Configure the MTDI to the input mode.
GPIO_DIS_OUTPUT(GPIO_ID_PIN(12));
3. Disable all IO interrupts.
ETS_GPIO_INTR_DISABLE();
4. Set the interrupt handler function.
ETS_GPIO_INTR_ATTACH(GPIO_INTERRUPT,NULL);
5. Configure MTDI to falling edge triggers interrupt.
gpio_pin_intr_state_set(GPIO_ID_PIN(12),GPIO_PIN_INTR_NEGEDGE);
This sentence writes 0x02 into bit[9:7] of GPIO_PIN12 register. It sets MTDI to falling edge
triggers interrupt.
6. Enable the GPIO interrupt.
! Note:
•
If MTDI is at high level, then the return value of GPIO_INPUT_GET is 1, level = 1;
•
If MTDI is at low level, then the return value of GPIO_INPUT_GET is 0, level = 0.
! Note:
If users want to disable the MTDI interrupt function, write 0x02 into bit[9:7] of GPIO_PIN12 register.
For other interrupt triggering mode configuration, refer to
2.2 Instruction on GPIO Registers.
Espressif
! /!
11 104
2017.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com