Electronic Components Datasheet Search
  English  ▼

X  

ESP8266 Datasheet(PDF) 84 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP8266
Description  General Purpose Input/Output Interface (GPIO)
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP8266 Datasheet(HTML) 84 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP8266 Datasheet HTML 80Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 81Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 82Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 83Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 84Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 85Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 86Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 87Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 88Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 117 page
background image
!
10. I2S Module Description
10.3.1. Void Function
void i2s_test
void i2s_init
void creat_one_link
void slc_init
10.3.2. CONF Function
CONF_RXLINK_ADDR
CONF_TXLINK_ADDR
Function
void i2s_test(void)
Feature
I2S Programs for read and write testing of the module. It is the core function of the DEMO, which can be
used to test the transporting and receiving communications of the I2S.
Parameter
null
Function
void i2s_init(uint8 slc_en)
Feature
Configure the related registers of the I2S.
Parameter
slc_en: Enable the SLC module access. When it's 0, the software will operate the FIFO For other
values for the SLC module directly access FIFO refer to 2.1.3. Tx/Rx FIFO mode.
Function
void creat_one_link (uint8 own, uint8 eof,uint8 sub_sof, uint16 size, uint16 length, uint32* buf_ptr,
uint32* nxt_ptr, struct sdio_queue* i2s_queue)
Feature
Set up a link register structure.
Parameter
struct sdio_queue* i2s_queue: The first address to be configured structure space.
For details of other parameters, refer to
Section 10.2.2. Link list Configuration.
Function
void slc_init (uint8 trans_dev)
Feature
Basic configuration of the SLC module. For configuration instructions, refer to
Section 10.2.3. SLC
module configuration.
Parameter
uint8 trans_dev: SLCModule access device, 1 is I2S 0 is SDIO other input values are not valid.
Function
CONF_RXLINK_ADDR(addr)
Feature
Configure the Rx link list address to the register. For configuration instructions, refer to
Section 10.2.3.
SLC module configuration.
Parameter
addr: link list address
Function
CONF_TXLINK_ADDR(addr)
Feature
Configure the TX link list address to the register. For configuration instructions, refer to
Section 10.2.3.
SLC module configuration.
Espressif
! /!
76 104
2017.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com