Electronic Components Datasheet Search
  English  ▼

X  

ESP8266 Datasheet(PDF) 29 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP8266
Description  General Purpose Input/Output Interface (GPIO)
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP8266 Datasheet(HTML) 29 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP8266 Datasheet HTML 25Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 26Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 27Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 28Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 29Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 30Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 31Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 32Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 33Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 117 page
background image
!
4. SPI Communication User Guide
4.
SPI Communication User
Guide
4.1. Overview
4.1.1. Functional Overview
ESP8266 SPI module is used for communication with devices supporting SPI protocols. It
supports the SPI protocol standard of 4 line communication CS, SCLK, MOSI, MISO
in
the electrical interface. ESP8266 SPI module has special support for FLASH memory in
the SPI interface. Therefore, master and slave SPI module have its corresponding hardware
protocol to match with the SPI communication device.
4.1.2. SPI Features
•
Supports standard master and slave modes;
•
Supports length-programmable hardware commands and addresses, up to 16 bits
and 64 bits;
•
Word-aligned data buffer, up to 64 bytes;
•
Programmable read/write status register in slave mode;
•
Selection of 3 CS pins;
•
Clock frequency up to 80 MHz in master mode and 20 MHz in slave mode;
•
Programmable clock polarity;
•
MSB or LSB first;
•
Selection of byte order in SPI buffer transmission;
•
Selection of multiple interrupt sources, including transmit end, read/write data and
read/write status.
4.2. ESP8266 SPI Master Protocol Format
4.2.1. Communication Format Supported by Master
SPI
Master
ESP8266SPI communication format is command+address+read/write data, which
is,
•
Command: a must; length: 1 ~ 16 bits; master output and slave input (MOSI).
•
Address: optional; length: 0 ~ 32 bits master output and slave input (MOSI).
•
Read/write data: optional; length: 0 ~ 512 bits (64 Bytes); master output and slave
input (MOSI) or master input and slave output (MISO).
Espressif
! /!
21 104
2017.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com