Electronic Components Datasheet Search
  English  ▼

X  

ESP8266 Datasheet(PDF) 17 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP8266
Description  General Purpose Input/Output Interface (GPIO)
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP8266 Datasheet(HTML) 17 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP8266 Datasheet HTML 13Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 14Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 15Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 16Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 17Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 18Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 19Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 20Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 21Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 117 page
background image
!
2. GPIO
•
Interrupt status register GPIO_STATUS
Bit[15:0] (readable and writable):
If the related bit is set to be 1, the IO interrupts. Bit[15:0] contains 16 GPIOs.
•
Interrupt clearing register GPIO_STATUS_W1TC
Bit[15:0] (readable and writable):
Write 1 into the related bit, the related GPIO interrupt status will be cleared.
2.2.5. GPIO16 Related APIs
Different from other IO interfaces, GPIO16(XPD_DCDC) belongs to the RTC module instead
of the general GPIO module. It can be used to wake up the chip during deep-sleep; it can
be configured to input or output mode; but it cannot trigger the IO interrupt. the APIs are
shown below.
•
gpio16_output_conf(void)
Set the GPIO16 to the output mode.
•
gpio16_output_set(uint8 value)
Output high/low level from GPIO16. Configure GPIO16 to the output mode first.
•
gpio16_input_conf(void)
Set the GPIO16 to the input mode.
•
gpio16_input_get(void)
Read the GPIO16 input level status. Configure GPIO16 to the input mode first.
2.3. Parameter onfiguration
Three scenes are given as examples for parameter configuration:
•
Configure the MTDI output high level, and enable the pull up.
•
Configure the MTDI to the input mode, and get its level status.
•
Configure the MTDI to falling edge triggers interrupt.
2.3.1. Parameter Configuration for Scene 1
1. Configure the MTDI to GPIO mode.
PIN_FUNC_SELECT(PERIPHS_IO_MUX_MTDI_U,FUNC_GPIO12);
This sentence writes 1 into bits 4-5 of PERIPHS_IO_MUX_MTDI_U register. When bits 4-5
of PERIPHS_IO_MUX_MTDI_U are set to be 1, the MTDI is configured to the GPIO mode.
For details of PERIPHS_IO_MUX_MTDI_U register, refer to
Section 2.2, Instruction on
GPIO Register.
2. Configure the MTDI output high level.
GPIO_OUTPUT_SET(GPIO_ID_PIN(12), 1);
Espressif
! /!
9 104
2017.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com