Electronic Components Datasheet Search
  English  ▼

X  

ESP8266 Datasheet(PDF) 81 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP8266
Description  General Purpose Input/Output Interface (GPIO)
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP8266 Datasheet(HTML) 81 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP8266 Datasheet HTML 77Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 78Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 79Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 80Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 81Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 82Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 83Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 84Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 85Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 117 page
background image
!
10. I2S Module Description
RX FIFO mode
Bits 16~18 of
I2S_FIFO_CONF is used to control the receive data format for
i2s_rx_fifo_mod.
10.2.1.4.Channel Mode
Tx channel mode
Bits 0 ~ 2 in the
I2SCONF_CHAN are used for the Tx channel mode (tx_chan_mod).
Rx channel mode
Bits 3~4 in the
I2SCONF_CHAN are used for the Rx channel mode (rx_chan_mod).
1
16bits_per_channel half data (single channel, FIFO data organisation, 16 bits data, 16 bits
invalid , 16 bits data)
2
24bits_per_channel full data discontinue (dual channel, FIFO data organisation, 24 bits data in
the left channel, 8 bits invalid, 24 bits data in the right channel, 8 bits empty)
3
24bits_per_channel half data discontinue (single channel, FIFO data organisation, 24 bits data,
8 bits invalid, 24 bits data, 8 bits empty)
4
24bits_per_channel full data continue (left and right channels, FIFO data organisation, 24 bits
data in the left channel, 24 bits data in the right channel)
5
24bits_per_channel half data continue (single channel, FIFO data organisation, 24 bits data, 24
bits data)
6 ~ 7
Invalid
Value
Description
Value
Description
0
16bits_per_channel full data
1
16bits_per_channel half data
2
24bits_per_channel full data discontinue
3
24bits_per_channel half data discontinue
4 ~ 7
Invalid
Value
Description
0
Dual-channel
1
Right channel (left and right audio channels are used to put the data of the right channel)
2
Left channel (left and right audio channels are used to put the data of the left channel)
3
Right channel (put a constant from regfile in the left channel)
4
Left channel (put a constant from regfile in the right channel)
Espressif
! /!
73 104
2017.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com