Electronic Components Datasheet Search
  English  ▼

X  

ESP8266 Datasheet(PDF) 82 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP8266
Description  General Purpose Input/Output Interface (GPIO)
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP8266 Datasheet(HTML) 82 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP8266 Datasheet HTML 78Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 79Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 80Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 81Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 82Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 83Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 84Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 85Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 86Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 117 page
background image
!
10. I2S Module Description
10.2.1.5.Clock Mode
in the I2SCONF:
•
Bits16 ~ 21 are the prescaler of the input clock (I2S_CLKM_DIV_NUM).
•
Bits 22 ~ 27 are the frequency divider of the communication clock signal
(I2S_BCK_DIV_NUM).
10.2.1.6.Other Configurations
Register I2SRXEOF_NUM sets the number of data to be received when the Rx FIFO
triggers the SLC transport (unit: 4 bytes).
See the definitions of
i2s_reg.h in DEMO. Other instructions will be updated.
10.2.2. Link List Configuration
In the ESP8266, the DMA transfers the receive and transport packets in the SDIO to the
corresponding memory. The software will define the structure (or group) of the registration
list and cache space(s).
As shown in Figure 10-1, there is only one cache space and one registration list. Write the
first address of the cache and other information to the registration list, and then write the
first address of the registration list to the hardware register of the ESP8266. Therefore, the
DMA will automatically operate the SDIO and the cache space.
!
Figure 10-1. Registration List
Value
Description
0
Dual-channel
1
Right channel
2
Left channel
owner
sub_sof
5’b0
length[11:0]
size[11:0]
eof
buf_ptr [31:0]
next_link_ptr [31:0]
word 0
word 1
word 2
Field name
Description
owner
1’b0
Software operates the buffer of the current link. The MAC shouldn't use this bit.
1’b1
Hardware operates the buffer of the current link.
Espressif
! /!
74 104
2017.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com