Electronic Components Datasheet Search
  English  ▼

X  

ESP8266 Datasheet(PDF) 28 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP8266
Description  General Purpose Input/Output Interface (GPIO)
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP8266 Datasheet(HTML) 28 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP8266 Datasheet HTML 24Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 25Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 26Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 27Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 28Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 29Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 30Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 31Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 32Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 117 page
background image
!
3. SPI Compatibility Mode User Guide
addr: starting address of the data to be written in. Input a value that equals 0x1f800 -
tx_length (the same as the byte mode), and the tx_length should equal to count.
6. int sif_spi_read_blocks(u32 addr, u8 *dst, u16 count,u16
block_size)
Function:
Write the SDIO block mode into the API; encapsulate the write-in function of the CMD53
byte mode. It can only transport the packets, According to the SDIO protocol, the
maximum data length is 512 blocks.
Location:
port_spi.c. Called by dioRW in egl_thread.c and sif_io_sync used by the
program downloader in
esp_main_sim.c.
Parameters:
src: starting address of the receiving buffer
count: length of the packet to be received (unit: block)
block_size: the number of bytes in 1 block. It should be equal to the 16 bit value whose
func = 0, and whose addr=0x110-111. In general, when initialising the SDIO,
block_size of the ESP8266 SDIO should be configured. The starting value of DEMO is
512. During the operation, it is configured to be 1024. block_size should be an integer
multiple of 4.
addr: starting address of the data to be read. Input a value that equals 0x1f800 -
tx_length (the same as the byte mode), and the tx_length should equal to count.
7. void EXTI9_5_IRQHandler(void)
Function:
The communication interrupt processing function offers enable signal for
egl_arch_sem_wait (& BusIrqReadSem,1000) in thread function SdioRW, so that
SdioRW thread can exit the wait state, and read the SDIO status register.
Location:
spi_cfg.c
Espressif
! /!
20 104
2017.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com