Electronic Components Datasheet Search
  English  ▼

X  

ESP8266 Datasheet(PDF) 22 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP8266
Description  General Purpose Input/Output Interface (GPIO)
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP8266 Datasheet(HTML) 22 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP8266 Datasheet HTML 18Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 19Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 20Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 21Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 22Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 23Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 24Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 25Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 26Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 117 page
background image
!
3. SPI Compatibility Mode User Guide
\XTCOM_UTIL.
eagle.app.v6.irom0text.bin is all the functions of FLASH chip read
directly through the SPI by CPU CACHE in the ESP8266 program.
•
Run
BinToArray.exe in SDIO communication demo\. Transfer
eagle.app.v6.flash.bin in SDIO communication demo
\esp_iot_sdk_v0.9.3_sdio_demo\ bin to ANSI C format array. The new array will be
saved in
D:\. The target route of BinToArray.exe must be D:\. If there is not a D:\, you
can (1) use a virtual machine with a D:\; (2) connect the device to a U disk named D:\;
or (3) search online for a tool that can transfer bin to array.
•
If there is a D:\, name
hexarray.c in D:\ as eagle_fw.h, and define the array name as
const unsigned char eagle_fw[] =....... Replace
eagle_fw.h in SDIO communication
demo\STM32\ Eagle_Wifi_Driver\ egl_drv_simulation\ (you can copy the array
name and document name in the old
eagle_fw.h, rename the hexarray.c and use it
to replace the old
eagle_fw.h.). Before starting the chip, write eagle.app.v6.flash.bin
into the ESP8266 memory.
eagle.app.v6.flash.bin should be transferred to array,
and be written into the ESP8266 through STM32.
•
Use the IAR platform to open
EglWB.ewp.eww in SDIO communication
demo\STM32\IAR\ to compile the programs.
3.2.3. ESP8266 FLASH Software Downloading
1. Use the serial line to connect the ESP_IOT reference board and the computer, and
connect them with a 5V power supply. Connect J67 to the 2 pins on the right (enable
the FLASH chip in the HSPI interface), and J66 to the 2 pins on the left (disable the
FLASH chip in the SPI interface). Set MTD0, GPIO0 and GPIO2 to the UART mode 0,
0,1 (up, up, down).
2. Double-click XTCOM_UTIL.exe in SDIO communication demo\XTCOM_UTIL. Click
Tools -> Config Device, and choose Com interface. Baud Rate: 115200. Click Open,
and you will see open Success. Click Connect, and push the H Flash board power,
you will see the connection is completed.
3. Click API TEST(A)->(5) HSpiFlash Image Download, and choose
eagle.app.v6.irom0text.bin in SDIO communication demo\XTCOM_UTIL. Offset:
0x40000. Click Download, and the downloading will be completed.
3.2.4. ESP8266 FLASH Software Downloading
Use the pin header to connect the ESP_IOT reference board and the Red Dragon demo
board. The details are shown below:
In the Red Dragon demo board JP1:
J62 pin headers in the ESP_IOT reference board (bottom-up)
GND
->
1
VSS/GND
SPI_CLK
->
4
SDIO_CLK
Espressif
! /!
14 104
2017.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com