Electronic Components Datasheet Search
  English  ▼

X  

M482 Datasheet(PDF) 43 Page - Nuvoton Technology Corporation

Part # M482
Description  32-bit ARM짰 Cortex짰-M4F Microcontroller
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M482 Datasheet(HTML) 43 Page - Nuvoton Technology Corporation

Back Button M482 Datasheet HTML 39Page - Nuvoton Technology Corporation M482 Datasheet HTML 40Page - Nuvoton Technology Corporation M482 Datasheet HTML 41Page - Nuvoton Technology Corporation M482 Datasheet HTML 42Page - Nuvoton Technology Corporation M482 Datasheet HTML 43Page - Nuvoton Technology Corporation M482 Datasheet HTML 44Page - Nuvoton Technology Corporation M482 Datasheet HTML 45Page - Nuvoton Technology Corporation M482 Datasheet HTML 46Page - Nuvoton Technology Corporation M482 Datasheet HTML 47Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 401 page
background image
Mar 30, 2018
Page 43 of 401
Rev 1.00
NuMicro
® M480
32-bit ARM
®
Cortex
®
-M4F Microcontrolle
r
4.1.12 NuMicro
® M484 USB HS OTG Series LQFP128 Pin Diagram
Corresponding Part Number: M484KIDAE
LQFP128
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
97
98
99
100
101
102
103
104
105
106
107
108
109
110
111
112
113
114
115
116
117
118
119
120
121
122
123
124
125
126
127
128
nRESET
PE.15
PE.14
VDDIO
PA.0
PA.1
PA.2
PA.3
PA.4
PA.5
LDO_CAP
VDD
VSS
PA.6
PA.7
PC.6
PC.7
PC.8
PE.13
PE.12
PE.11
PE.10
PE.9
PE.8
VDD
VSS
PF.2
PF.3
PH.7
PH.6
PH.5
PH.4
PE.7
PE.6
PE.5
PE.4
PE.3
PE.2
VSS
VDD
PE.1
PE.0
PH.8
PH.9
PH.10
PH.11
PD.14
VSS
LDO_CAP
VDD
PC.14
PB.15
PB.14
PB.13
PB.12
AVDD
VREF
AVSS
PB.11
PB.10
PB.9
PB.8
PB.7
PB.6
VDDIO power domain
Figure 4.1-12 NuMicro
® M484 USB HS OTG Series LQFP 128-pin Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com